Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3477 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3477
Description  High Efficiency High-Side N-Channel Controller for Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3477 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM3477 Datasheet HTML 9Page - National Semiconductor (TI) LM3477 Datasheet HTML 10Page - National Semiconductor (TI) LM3477 Datasheet HTML 11Page - National Semiconductor (TI) LM3477 Datasheet HTML 12Page - National Semiconductor (TI) LM3477 Datasheet HTML 13Page - National Semiconductor (TI) LM3477 Datasheet HTML 14Page - National Semiconductor (TI) LM3477 Datasheet HTML 15Page - National Semiconductor (TI) LM3477 Datasheet HTML 16Page - National Semiconductor (TI) LM3477 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Functional Description (Continued)
calculations for minimum inductance and necessary slope
resistance R
SL are carried out based on this resonant peak-
ing.
Start-up/Soft-start
The LM3477/A incorporates an internal soft-start during
start-up. The soft-start forces the inductor current to rise
slowly and smoothly as it increases towards the steady-state
current. This technique is used to reduce the input inrush
current during soft-start. The soft-start functionality is effec-
tive for approximately the first 5ms of start-up.
Note: The LM3477/A will not start-up if the output voltage is being held up
externally by more than 200mV.
If the slope resistor RSL is used, the LM3477/A may need up to 100 mA
of pre load to successfully start up.
Short Circuit Protection
When the voltage across the sense resistor (measured as
the V
IN −ISEN differential voltage) exceeds VSC, short-circuit
current limit gets activated. In the short-circuit protection
mode, the external MOSFET is turned off. When the short is
removed, the external MOSFET is turned on after five
cycles. The short circuit protection voltage V
SC is specified in
the ELECTRICAL CHARACTERISTICS section. V
SC
is
lower in the LM3477A than in the LM3477.
Shutdown
The compensation pin (Pin 2) of LM3477/A also functions as
a shutdown pin. If a low signal (refer to the ELECTRICAL
CHARACTERISTICS for definition of low signal) appears on
the COMP/SD pin, the LM3477/A stops switching and goes
into a low supply current mode. The total supply current of
the IC reduces to less than 10µA under these conditions.
Figure 5 shows different implementations of the shutdown
function.
Design Section
General
Power supply design involves making tradeoffs. To achieve
performance specifications, limitations will be set on compo-
nent selection. The LM3477/A provides many degrees of
flexibility in choosing external components to accommodate
various performance/component selection optimizations. For
example, the internal slope compensation can be externally
increased to allow smaller inductances to be used. The
design procedures that follow provide instruction on how to
select the external components in a typical LM3477/A buck
circuit in continuous conduction mode, as well as aid in the
optimization of performance and/or component selection.
See Figure 6 for component reference and typical circuit.
The LM3477/A may also be designed to operate in discon-
tinuous conduction mode.
Programming the Output Voltage
The output voltage can be programmed using a resistor
divider between the output and the feedback pins, as shown
in Figure 6. The resistors are selected such that the voltage
at the feedback pin is 1.27V. R
FB1 and RFB2 can be selected
using the equation:
V
OUT = 1.27*(1+ RFB1/RFB2)
Calculating the Duty Cycle
In buck converter applications, the duty cycle of the
LM3477/A may be calculated as:
Where
V
D = forward drop of the power diode
) 0.5V
V
Q
=V
DS
of the MOSFET when it is conducting )
I
OUT*RDSON
V
SN = Voltage across the sense resistor = IOUT xRSN
20003325
20003326
FIGURE 5. Implementing Shutdown in LM3477
200033M8
FIGURE 6. LM3477 Buck Converter Reference
Schematic
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com