Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3477 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3477
Description  High Efficiency High-Side N-Channel Controller for Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3477 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3477 Datasheet HTML 1Page - National Semiconductor (TI) LM3477 Datasheet HTML 2Page - National Semiconductor (TI) LM3477 Datasheet HTML 3Page - National Semiconductor (TI) LM3477 Datasheet HTML 4Page - National Semiconductor (TI) LM3477 Datasheet HTML 5Page - National Semiconductor (TI) LM3477 Datasheet HTML 6Page - National Semiconductor (TI) LM3477 Datasheet HTML 7Page - National Semiconductor (TI) LM3477 Datasheet HTML 8Page - National Semiconductor (TI) LM3477 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Connection Diagram
20003302
8 Lead Mini SO8 Package (MSOP-8 Package)
Package Marking and Ordering Information
Order Number
Package Type
Package Marking
Supplied As:
LM3477MM
MSOP-8
S13B
1000 units on Tape and Reel
LM3477MMX
MSOP-8
S13B
3500 units on Tape and Reel
LM3477AMM
MSOP-8
S13A
1000 units on Tape and Reel
LM3477AMMX
MSOP-8
S13A
3500 units on Tape and Reel
Pin Description
Pin Name
Pin Number
Description
I
SEN
1
Current sense input pin. Voltage generated across an external sense resistor is fed
into this pin.
COMP/SD
2
Compensation pin. A resistor-capacitor combination connected to this pin provides
compensation for the control loop. Pull this pin below 0.65V to shutdown.
FB
3
Feedback pin. The output voltage should be adjusted using a resistor divider to
provide 1.270V at this pin.
GND
4
Ground pin.
SW
5
Switch Node. Source of the external MOSFET is connected to this node.
DR
6
Drive pin. The gate of the external MOSFET should be connected to this pin.
CB
7
Boot-strap pin. A capacitor must be connected between this pin and SW pin (pin 5)
for proper operation. The voltage developed across this capacitor provides the gate
drive for the external MOSFET.
V
IN
8
Power Supply Input pin.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com