Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1812JS Datasheet(PDF) 4 Page - Analog Devices

Part # AD1812JS
Description  SoundPort Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1812JS Datasheet(HTML) 4 Page - Analog Devices

  AD1812JS Datasheet HTML 1Page - Analog Devices AD1812JS Datasheet HTML 2Page - Analog Devices AD1812JS Datasheet HTML 3Page - Analog Devices AD1812JS Datasheet HTML 4Page - Analog Devices AD1812JS Datasheet HTML 5Page - Analog Devices AD1812JS Datasheet HTML 6Page - Analog Devices AD1812JS Datasheet HTML 7Page - Analog Devices AD1812JS Datasheet HTML 8Page - Analog Devices AD1812JS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD1812
REV. 0
–4–
ANALOG OUTPUT
Parameter
Min
Typ
Max
Units
Full-Scale Output Voltage
OL = 0
1.8
2.0
2.2
V p-p
OL = 1
2.5
2.8
3.11
V p-p
Output Impedance*
600
External Load Impedance
10
k
Output Capacitance*
15
pF
External Load Capacitance
100
pF
VREF
2.05
2.25
2.45
V
VREF Output Impedance
4
k
Mute Click (Muted Output Minus Unmuted Midscale DAC Output)*
±5mV
SYSTEM SPECIFICATIONS
Parameter
Min
Typ
Max
Units
System Frequency Response Ripple* (Line In to Line Out)
1.0
dB
Differential Nonlinearity*
±1
LSB
Phase Linearity Deviation*
5
Degrees
STATIC DIGITAL SPECIFICATIONS
Parameter
Min
Typ
Max
Units
High-Level Input Voltage (VIH): Digital Inputs
2
V
Low-Level Input Voltage (VIL)
0.8
V
High-Level Output Voltage (VOH), IOH = 24 mA
2.4
V
Low-Level Output Voltage (VOL), IOL = 24 mA
0.4
V
Input Leakage Current
–10
10
µA
Output Leakage Current
–10
10
µA
POWER SUPPLY
Parameter
Min
Typ
Max
Units
Power Supply Range—Analog
4.75
5.25
V
Power Supply Range—Digital
4.75
5.25
V
Power Supply Current
250
mA
Power Dissipation
1.25
W
Analog Supply Current
55
mA
Digital Supply Current
195
mA
Digital Power Supply Current—Power Down
15
mA
Analog Power Supply Current—Power Down
1
mA
Power Supply Rejection (100 mV p-p Signal @ 1 kHz)*
(At Both Analog and Digital Supply Pins, Both ADCs and DACs)
40
dB
CLOCK SPECIFICATIONS*
Parameter
Min
Typ
Max
Units
Input Clock Frequency
6
14.31818
18
MHz
Recommended Clock Duty Cycle
10
50
90
%
Power Up Initialization Time
500
ms
*Guaranteed not tested.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com