Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1812JS Datasheet(PDF) 3 Page - Analog Devices

Part # AD1812JS
Description  SoundPort Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1812JS Datasheet(HTML) 3 Page - Analog Devices

  AD1812JS Datasheet HTML 1Page - Analog Devices AD1812JS Datasheet HTML 2Page - Analog Devices AD1812JS Datasheet HTML 3Page - Analog Devices AD1812JS Datasheet HTML 4Page - Analog Devices AD1812JS Datasheet HTML 5Page - Analog Devices AD1812JS Datasheet HTML 6Page - Analog Devices AD1812JS Datasheet HTML 7Page - Analog Devices AD1812JS Datasheet HTML 8Page - Analog Devices AD1812JS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ANALOG-TO-DIGITAL CONVERTERS
Parameter
Min
Typ
Max
Units
Resolution
16
Bits
Dynamic Range (–60 dB Input THD+N Referenced to Full Scale,
80
86
dB
A-Weighted)
THD+N (Referenced to Full Scale)
0.02
%
–78
–74
dB
Signal-to-Intermodulation Distortion* (CCIF Method)
80
dB
ADC Crosstalk*
Line Inputs (Input L, Ground R, Read R; Input R, Ground L, Read L)
–90
–80
dB
Line to MIC (Input LINE, Ground and Select MIC, Read ADC)
–90
–80
dB
Line to AUX1
–90
–80
dB
Line to AUX2
–90
–80
dB
Gain Error (Full-Scale Span Relative to Nominal Input Voltage)
±10
%
Interchannel Gain Mismatch (Difference of Gain Errors)
±0.5
dB
ADC Offset Error
10
mV
DIGITAL-TO-ANALOG CONVERTERS
Parameter
Min
Typ
Max
Units
Resolution
16
Bits
Dynamic Range (–60 dB Input THD+N Referenced to Full Scale,
74
81
dB
A-Weighted)
THD+N (Referenced to Full Scale)
0.022
%
–77
–73
dB
Signal-to-Intermodulation Distortion* (CCIF Method)
90
dB
Gain Error (Full-Scale Span Relative to Nominal Input Voltage)
±15
%
Interchannel Gain Mismatch (Difference of Gain Errors)
±0.5
dB
DAC Crosstalk* (Input L, Zero R, Measure R_OUT; Input R,
–90
–80
dB
Zero L, Measure L_OUT)
Total Out-of-Band Energy (Measured from 0.6
× F
S to 100 kHz)*
–60
dB
Audible Out-of-Band Energy (Measured from 0.6
× F
S to 20 kHz)*
–70
dB
DAC ATTENUATOR
Parameter
Min
Typ
Max
Units
Step Size (0 dB to –22.5 dB)
1.3
1.5
1.7
dB
Step Size (–22.5 dB to –94.5 dB)*
1.0
1.5
2.0
dB
Output Attenuation Range Span*
93.5
94.5
95.5
dB
Mute Attenuation of 0 dB Fundamental*
80
dB
DIGITAL MIX ATTENUATOR
Parameter
Min
Typ
Max
Units
Step Size (0 dB to –22.5 dB)
1.3
1.5
1.7
dB
Step Size (–22.5 dB to –94.5 dB)*
1.0
1.5
2.0
dB
Digital Mix Attenuation Range Span*
93.5
94.5
95.5
dB
*Guaranteed not tested.
Specifications subject to change without notice.
AD1812
REV. 0
–3–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com