Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1812JS Datasheet(PDF) 15 Page - Analog Devices

Part # AD1812JS
Description  SoundPort Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1812JS Datasheet(HTML) 15 Page - Analog Devices

Back Button AD1812JS Datasheet HTML 11Page - Analog Devices AD1812JS Datasheet HTML 12Page - Analog Devices AD1812JS Datasheet HTML 13Page - Analog Devices AD1812JS Datasheet HTML 14Page - Analog Devices AD1812JS Datasheet HTML 15Page - Analog Devices AD1812JS Datasheet HTML 16Page - Analog Devices AD1812JS Datasheet HTML 17Page - Analog Devices AD1812JS Datasheet HTML 18Page - Analog Devices AD1812JS Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD1812
REV. 0
–15–
Table XIV. Codec Power-Down Modes
Mode
Powered-Down Blocks
Total Power Down
ADC, DAC, Mixer, Reference
Standby
ADC, DAC, Mixer
Mixer Power Down
DAC, Mixer
Mixer Only
ADC, DAC
ADC Power Down
ADC
DAC Power Down
DAC
The registers found in the vendor defined PnP space take prece-
dence over any other power-down mode. You can shut down
the embedded DSP or the entire codec by writing to these
registers.
Table XV. PnP Power-Down Modes
Mode
Powered-Down Blocks
Total Power Down
DSP and SoundPort Codec
CODEC CONTROL REGISTER ARCHITECTURE
Upon Plug and Play initialization, a base address is assigned for
the Windows Sound System Compatible logical device embed-
ded in the AD1812. The AD1812 accepts both data and con-
trol information through the 16-bit interface.
Table XVI. Codec Direct Register Map
Windows Sound System Address
Register Name
Base + 0
Index Address Register
Base + 2
Indexed Data Register
Base + 4
Status Register
Base + 6
PIO Data Registers
A write to or a read from the Indexed Data Register will access
the Indirect Register which is selected by the value most recently
written to the Index Address Register. The Status Register and
the PIO Data Register are always accessible directly, without in-
dexing. The 32 Indirect Registers are shown in Table XVII.
Table XVII. Codec Indirect Register Map
Windows Sound System Codec
Indexed Register
Index
Reset State
Left Input Control
0x00
0x80
Right Input Control
0x01
0x80
Left Aux #1 Input Control
0x02
Right Aux #1 Input Control
0x03
0x9F
Left Aux #2 Input Control
0x04
0x9F
Right Aux #2 Input Control
0x05
0x9F
Left Output Control
0x06
0xBF
Right Output Control
0x07
0xBF
Clock and Data Format
0x08
0x08
Interface Configuration
0x09
0x00
Pin Control
0x0A
0x05
Test and Initialization
0x0B
0x20
Miscellaneous Information
0x0C
0xCA
Digital Mix/Attenuation
0x0D
0x00
Upper Base Count
0x0E
0x00
Lower Base Count
0x0F
0x00
Alternate Feature Enable/Left
MIC Input Control
0x10
0x80
MIC Mix Enable/Right MIC
Input Control
0x11
0x00
Left Line Gain, Attenuate,
Mute, Mix
0x12
0x9F
Right Line Gain, Attenuate,
Mute, Mix
0x13
0x9F
Lower Timer
0x14
0x00
Upper Timer
0x15
0x00
Upper Frequency Select
0x16
0x2A
Lower Frequency Select
0x17
0xF8
External Status
0x18
0x30
Revision ID
0x19
0x80
Mono Control
0x1A
0xC0
Power-Down Control
0x1B
0x08
Capture Data Format Control
0x1C
0x50
Total Power-Down
0x1D
0x00
Capture Upper Base Count
0x1E
0x00
Capture Lower Base Count
0x1F
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com