Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1812JS Datasheet(PDF) 14 Page - Analog Devices

Part # AD1812JS
Description  SoundPort Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1812JS Datasheet(HTML) 14 Page - Analog Devices

Back Button AD1812JS Datasheet HTML 10Page - Analog Devices AD1812JS Datasheet HTML 11Page - Analog Devices AD1812JS Datasheet HTML 12Page - Analog Devices AD1812JS Datasheet HTML 13Page - Analog Devices AD1812JS Datasheet HTML 14Page - Analog Devices AD1812JS Datasheet HTML 15Page - Analog Devices AD1812JS Datasheet HTML 16Page - Analog Devices AD1812JS Datasheet HTML 17Page - Analog Devices AD1812JS Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD1812
REV. 0
–14–
Table VIII. Windows Sound System, Logical Device Number = 0
Register Name Address Type
Description Value
Activate
0x30
Read/Write Activates device.
I/O Range Check 0x31
Read/Write Performs conflict check
on selected I/O range.
I/O Port Base
0x60
Read/Write I/O Base [15:8].
Address
0x61
Read/Write I/O Base [7:0].
IRQ Level Select 0x70
Read/Write Selects interrupt level.
IRQ Type Select 0x71
Read-Only
Active HI, level-sensitive
(not user programmable).
DMA Select 0
0x74
Read/Write Indicates DMA capture
channel.
DMA Select 1
0x75
Read/Write Indicates DMA playback
channel. (If DMA 0 is
not used, capture and
playback occurs on
DMA 1.)
Table IX. Game Registers, Logical Device Number = 1
Address
Register Name
Value
Type
Description
Activate
0x30
Read/Write
Activates device.
I/O Range Check 0x31
Read/Write
Performs conflict check
on selected I/O range.
I/O Port Base
0x60
Read/Write
I/O Base [9:8].
Address
0x61
Read/Write
I/O Base [7:0].
IRQ Level Select 0x70
Read/Write
Selects interrupt level.
IRQ Type Select
0x71
Read-Only
Active HI, edge-sensitive
(not user programmable).
DMA Select 0
0x74
Read/Write
Indicates which 8-bit
DMA channel.
Table X. Music Synthesizer, Logical Device Number = 2
Address
Register Name
Value
Type
Description
Activate
0x30
Read/Write
Activates device.
I/O Range Check 0x31
Read/Write
Performs conflict check
on selected I/O range.
I/O Port Base
0x60
Read/Write
I/O Base [9:8].
Address
0x61
Read/Write
I/O Base [7:0].
Table XI. MIDI Port, Logical Device Number = 3
Address
Register Name
Value
Type
Description
Activate
0x30
Read/Write
Activates device.
I/O Range Check 0x31
Read/Write
Performs conflict check
on selected I/O range.
I/O Port Base
0x60
Read/Write
I/O Base [9:8].
Address
0x61
Read/Write
I/O Base [7:0].
IRQ Level Select 0x70
Read/Write
Selects interrupt level.
IRQ Type Select 0x71
Read-Only
Active HI, edge-sensi-
tive (not user program-
mable).
Table XII. Game Port, Logical Device Number = 4
Address
Register Name
Value
Type
Description
Activate
0x30
Read/Write
Activates device.
I/O Range Check 0x31
Read/Write
Performs conflict check
on selected I/O range.
I/O Port Base
0x60
Read/Write
I/O Base [9:8].
Address
0x61
Read/Write
I/O Base [7:0].
Table XIII. Modem, Logical Device Number = 5
Address
Register Name
Value
Type
Description
Activate
0x30
Read/Write Activates device.
I/O Range Check 0x31
Read/Write Performs conflict check
on selected I/O range.
I/O Port Base
0x60
Read/Write I/O Base [9:8].
Address
0x61
Read/Write I/O Base [7:0].
IRQ Level Select 0x70
Read/Write Selects interrupt level.
IRQ Type Select 0x71
Read Only
Active HI, edge-sensitive
(not user programmable).
Power-Down Control
The AD1812 contains two levels of Power-Down control. One
level of control is accessed through the embedded codec registers
and another is accessed via the PnP vendor defined registers.
The codec registers allow sections of the embedded codec to be
turned off to conserve power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com