Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1812JS Datasheet (PDF) - Analog Devices

AD1812JS Datasheet PDF - Analog Devices
Part # AD1812JS
Download  AD1812JS Download
File Size   339.77 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SoundPort Controller

AD1812JS Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1812JS Datasheet PDF - Analog Devices

Part # AD1812JS
Download  AD1812JS Click to download

File Size   339.77 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SoundPort Controller

AD1812JS Datasheet (HTML) - Analog Devices


AD1812JS Product details

PRODUCT OVERVIEW
The AD1812 SoundPort® Controller is a single chip audio subsystem for adding 16-bit stereo audio to personal computers. The AD1812 is compatible with Sound Blaster Pro, AdLib, and the Microsoft* Windows Sound System. The AD1812 provides an integrated audio solution for enhanced business audio, entertainment sound effects, and multimedia applications.

FEATURES
    Compatibility with:
        Sound Blaster Pro*
        AdLib*
        Windows* Sound System
    16-Bit SD Stereo Codec
    MPC Level-2+ Mixer
    Dual DMA/Full Duplex Operation
    On-Chip FIFO Buffers
    Sample Rates from 5.5 kHz to 50 kHz
    ADPCM Compression/Decompression
    Plug and Play Compliant
    Compatible MIDI MPU-401 Port
    Integrated Game Port
    Free Supporting Software:
        Windows 3.1 Driver
        Windows 95 Driver
        Control Applets
        Diagnostics
    Power Management Modes
    Operation from +5 V Supply
    16-Bit Parallel Interface to ISA Bus
    24 mA Bus Drive Capability




Similar Part No. - AD1812JS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1815 AD-AD1815 Datasheet
3Mb / 44P
Sound Comm Controleer
AD1815JS AD-AD1815JS Datasheet
3Mb / 44P
Sound Comm Controleer
AD1815 AD-AD1815_15 Datasheet
401Kb / 44P
SoundComm Controller
REV. 0
AD1816A AD-AD1816A Datasheet
477Kb / 52P
SoundPort Controller
AD1816AJS AD-AD1816AJS Datasheet
477Kb / 52P
SoundPort Controller
More results


Similar Description - AD1812JS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1816A AD-AD1816A Datasheet
477Kb / 52P
SoundPort Controller
AD1819B AD-AD1819B Datasheet
245Kb / 28P
AC??7 SoundPort Codec
AD1845 AD-AD1845 Datasheet
333Kb / 40P
Parallel-Port 16-Bit SoundPort Stereo Codec
AD1847 AD-AD1847 Datasheet
311Kb / 28P
Serial-Port 16-Bit SoundPort Stereo Codec
AD1849K AD-AD1849K Datasheet
293Kb / 28P
Serial-Port 16-Bit SoundPort Stereo Codec
AD1816A AD-AD1816A_15 Datasheet
398Kb / 52P
SoundPort Controller
REV. A
AD1819A AD-AD1819A_15 Datasheet
278Kb / 28P
AC 97 SoundPort Codec
REV. 0
AD1819B AD-AD1819B_15 Datasheet
249Kb / 28P
AC97 SoundPort Codec
REV. 0
AD1845 AD-AD1845_15 Datasheet
1Mb / 40P
Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1849 AD-AD1849_15 Datasheet
662Kb / 28P
Serial-Port 16-Bit SoundPort Stereo Codec
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com