Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1812JS Datasheet(PDF) 1 Page - Analog Devices

Part # AD1812JS
Description  SoundPort Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1812JS Datasheet(HTML) 1 Page - Analog Devices

  AD1812JS Datasheet HTML 1Page - Analog Devices AD1812JS Datasheet HTML 2Page - Analog Devices AD1812JS Datasheet HTML 3Page - Analog Devices AD1812JS Datasheet HTML 4Page - Analog Devices AD1812JS Datasheet HTML 5Page - Analog Devices AD1812JS Datasheet HTML 6Page - Analog Devices AD1812JS Datasheet HTML 7Page - Analog Devices AD1812JS Datasheet HTML 8Page - Analog Devices AD1812JS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
a
SoundPort Controller
AD1812
FEATURES
Compatibility with:
Sound Blaster Pro*
AdLib*
Windows* Sound System
16-Bit
Stereo Codec
MPC Level-2+ Mixer
Dual DMA/Full Duplex Operation
On-Chip FIFO Buffers
Sample Rates from 5.5 kHz to 50 kHz
ADPCM Compression/Decompression
Plug and Play Compliant
Compatible MIDI MPU-401 Port
Integrated Game Port
Free Supporting Software:
Windows 3.1 Driver
Windows 95 Driver
Control Applets
Diagnostics
Power Management Modes
Operation from +5 V Supply
16-Bit Parallel Interface to ISA Bus
24 mA Bus Drive Capability
*Sound Blaster Pro is a trademark of Creative Labs, Ltd.
*AdLib is a trademark of AdLib Multimedia.
*Windows is a trademark and Microsoft is a registered trademark of
*Microsoft Corp.
SoundPort is a registered trademark of Analog Devices, Inc.
PRODUCT OVERVIEW
The AD1812 SoundPort® Controller is a single chip audio sub-
system for adding 16-bit stereo audio to personal computers.
The AD1812 is compatible with Sound Blaster Pro, AdLib, and
the Microsoft* Windows Sound System. The AD1812 provides
an integrated audio solution for enhanced business audio, enter-
tainment sound effects, and multimedia applications.
The AD1812 audio subsystem combines an integrated digital
audio controller, a powerful signal processor, a mixer, and a
16-bit
Σ∆ stereo codec. The DOS games register set, the Win-
dows Sound System register set, music synthesis hardware, an
MPU-401 compatible UART interface, a game port (with
timer), and a Plug and Play ISA interface are all contained on
chip. The on-chip Plug and Play (PnP) routine provides con-
figuration services for the internal logical devices and an exter-
nal modem chipset.
The AD1812 can record compress and playback voice, sound
and music. The system provides all PC 95 audio conversion and
compatibility requirements for a multimedia enabled PC.
(continued on Page 12)
FUNCTIONAL BLOCK DIAGRAM
0dB/
20dB
G
M
G
M
G
M
M
Σ
G
G
M
M
Σ
Σ
Σ
Σ
Σ
Σ
Σ ∆ D/A
CONVERTER
ATTN/
MUTE
Σ ∆ A/D
CONVERTER
PGA
DIGITAL MIX
ATTENUATE
Σ
Σ
FORMAT
FIFO
FORMAT
FIFO
GAME
REGISTER
SET
&
WSS
REGISTER
SET
MIDI _IN
MPU-401 UART
JOYSTICK/GAME PORT INTERFACE
MIDI _OUT
A_1
B_1
A_X
B_X
A_2
B_2
A_Y
B_Y
XTALI/O
PARALLEL
BUS
INTERFACE
CONTROL
REGISTERS
PLUG
AND
PLAY
REGISTERS
ATTN
Σ ∆ D/A
CONVERTER
ADSP-2171
ROM
RAM
MIC
LINE
AUX1
L_OUT
MONO I/O
R_OUT
MONO_IN
AUX2
DACIN
DACOUT
DRQ (0, 1, 3, 5, 6, 7)
IRQ (3, 4, 5, 7, 9, 10, 11, 12)
PC_D (15:0)
PC_A (15:0)
AEN
DACK (0, 1, 3, 5, 6, 7)
IOR
IOW
SBHE
IO_CH16
PWRDWN
PnP
AD1812
MODEM_IRQ
MODEM_SEL
G = GAIN/AMPLIFIER BLOCK
M = MUTE BLOCK
OSCILLATORS
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
© Analog Devices, Inc., 1996
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703


Similar Part No. - AD1812JS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1815 AD-AD1815 Datasheet
3Mb / 44P
Sound Comm Controleer
AD1815JS AD-AD1815JS Datasheet
3Mb / 44P
Sound Comm Controleer
AD1815 AD-AD1815_15 Datasheet
401Kb / 44P
SoundComm Controller
REV. 0
AD1816A AD-AD1816A Datasheet
477Kb / 52P
SoundPort Controller
AD1816AJS AD-AD1816AJS Datasheet
477Kb / 52P
SoundPort Controller
More results

Similar Description - AD1812JS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1816A AD-AD1816A Datasheet
477Kb / 52P
SoundPort Controller
AD1819B AD-AD1819B Datasheet
245Kb / 28P
AC??7 SoundPort Codec
AD1845 AD-AD1845 Datasheet
333Kb / 40P
Parallel-Port 16-Bit SoundPort Stereo Codec
AD1847 AD-AD1847 Datasheet
311Kb / 28P
Serial-Port 16-Bit SoundPort Stereo Codec
AD1849K AD-AD1849K Datasheet
293Kb / 28P
Serial-Port 16-Bit SoundPort Stereo Codec
AD1816A AD-AD1816A_15 Datasheet
398Kb / 52P
SoundPort Controller
REV. A
AD1819A AD-AD1819A_15 Datasheet
278Kb / 28P
AC 97 SoundPort Codec
REV. 0
AD1819B AD-AD1819B_15 Datasheet
249Kb / 28P
AC97 SoundPort Codec
REV. 0
AD1845 AD-AD1845_15 Datasheet
1Mb / 40P
Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1849 AD-AD1849_15 Datasheet
662Kb / 28P
Serial-Port 16-Bit SoundPort Stereo Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com