Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LF02 Datasheet(PDF) 7 Page - Microchip Technology

Part # SST12LF02
Description  2.4 GHz WLAN High-Gain, High-Efficiency FEM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LF02 Datasheet(HTML) 7 Page - Microchip Technology

Back Button SST12LF02 Datasheet HTML 3Page - Microchip Technology SST12LF02 Datasheet HTML 4Page - Microchip Technology SST12LF02 Datasheet HTML 5Page - Microchip Technology SST12LF02 Datasheet HTML 6Page - Microchip Technology SST12LF02 Datasheet HTML 7Page - Microchip Technology SST12LF02 Datasheet HTML 8Page - Microchip Technology SST12LF02 Datasheet HTML 9Page - Microchip Technology SST12LF02 Datasheet HTML 10Page - Microchip Technology SST12LF02 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
©2015
DS-70005001D
01/15
7
2.4 GHz WLAN High-Gain, High-Efficiency FEM
SST12LF02
Data Sheet
Table 5: RF Characteristics at 25°C for TX Chain, VCC=3.3V, VREG=2.80V
Symbol
Parameter
Min.
Typ
Max.
Unit
Test Condition
FL-U
Frequency range
2412
2484
MHz
G
Small signal gain
28
29
dB
TX and PA On
GVAR1
Gain variation over band (2412–2484 MHz)
±0.5
dB
TX and PA On
GVAR2
Gain ripple over channel (20 MHz)
0.2
dB
TX and PA On
POUT
Output power meets 11g OFDM 6 Mbps spectrum
mask
20
21
dBm
TX and PA On
Output power meets 11b DSSS 1 Mbps spectrum
mask
20
21
dBm
TX and PA On
EVM
@ 18 dBm output power with 11g OFDM 54 Mbps
signal
3
%
TX and PA On
@ 17 dBm output power, MCS7-HT40
2.5
%
TX and PA On
VREG=2.95V
@ 16 dBm output power, MCS9-HT40
1.8
%
TX and PA On
VREG=2.95V
2f, 3f, 4f, 5f Harmonics at 22 dBm, without external filters
-35
dBc
TX and PA On
ISO1
Isolation (TX to RX)
-12
dB
TX and PA On
ISO2
Isolation (TX to BT)
-10
dB
TX and PA On
ISO3
Isolation (RX to TX)
-30
dB
TX and PA On
ISO4
Isolation (BT to TX)
-50
dB
TX and PA On
T5.0 75001
Table 6: RF Characteristics at 25°C for RX Chain
Symbol
Parameter
Min.
Typ
Max.
Unit
Test Condition
FL-U
Frequency range
2412
2484
MHz
IL
Insertion Loss (ANT to RX)1
1. The evaluation board’s loss is de-embedded and excluded from this number.
0.5
0.8
dB
RX On
Insertion Loss with BT enabled
4.5
dB
RX and BT On
RL
Return Loss
-10
dB
RX On
ISO1
Isolation (RX to BT) & (BT to RX)
-20
dB
RX On
ISO2
Isolation (RX to TX) & (TX to RX)
-30
dB
RX On
T6.0 75001
Table 7: RF Characteristics at 25°C for BT Chain
Symbol
Parameter
Min.
Typ
Max.
Unit
Test Condition
FL-U
Frequency range
2412
2484
MHz
IL
Insertion Loss (ANT to BT)1
1. The evaluation board’s loss is de-embedded and excluded from this number.
0.5
0.8
dB
BT On
Insertion Loss with RX enabled
3.8
dB
BT and RX On
RL
Return Loss
-10
dB
BT On
ISO1
Isolation (BT to RX) & (RX to BT)
-18
dB
BT On
ISO2
Isolation (BT to TX) & (TX to BT)
-48
dB
BT On
T7.0 75001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com