Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LF02 Datasheet(PDF) 11 Page - Microchip Technology

Part # SST12LF02
Description  2.4 GHz WLAN High-Gain, High-Efficiency FEM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LF02 Datasheet(HTML) 11 Page - Microchip Technology

Back Button SST12LF02 Datasheet HTML 7Page - Microchip Technology SST12LF02 Datasheet HTML 8Page - Microchip Technology SST12LF02 Datasheet HTML 9Page - Microchip Technology SST12LF02 Datasheet HTML 10Page - Microchip Technology SST12LF02 Datasheet HTML 11Page - Microchip Technology SST12LF02 Datasheet HTML 12Page - Microchip Technology SST12LF02 Datasheet HTML 13Page - Microchip Technology SST12LF02 Datasheet HTML 14Page - Microchip Technology SST12LF02 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
©2015
DS-70005001D
01/15
11
2.4 GHz WLAN High-Gain, High-Efficiency FEM
SST12LF02
Data Sheet
Figure 6: Dynamic EVM vs Output Power for MCS9-HT40 Modulation
Figure 7: Power Gain versus Output Power
1418 F13.0
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
9
10 11121314151617181920
Output Power (dBm)
Dynamic EVM versus Output Power
11ac, 40MHz BW, MCS9, 180Mbps
2412
2442
2472
1418 F5.1
Power Gain versus Output Power
20
22
24
26
28
30
32
34
36
38
40
9
101112
131415161718
19
20
21
22
23
Output Power (dBm)
Freq=2.412 GHz
Freq=2.442 GHz
Freq=2.472 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com