Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LF02 Datasheet(PDF) 14 Page - Microchip Technology

Part # SST12LF02
Description  2.4 GHz WLAN High-Gain, High-Efficiency FEM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LF02 Datasheet(HTML) 14 Page - Microchip Technology

Back Button SST12LF02 Datasheet HTML 9Page - Microchip Technology SST12LF02 Datasheet HTML 10Page - Microchip Technology SST12LF02 Datasheet HTML 11Page - Microchip Technology SST12LF02 Datasheet HTML 12Page - Microchip Technology SST12LF02 Datasheet HTML 13Page - Microchip Technology SST12LF02 Datasheet HTML 14Page - Microchip Technology SST12LF02 Datasheet HTML 15Page - Microchip Technology SST12LF02 Datasheet HTML 16Page - Microchip Technology SST12LF02 Datasheet HTML 17Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
©2015
DS-70005001D
01/15
14
2.4 GHz WLAN High-Gain, High-Efficiency FEM
SST12LF02
Data Sheet
Figure 12:Typical Schematic for High-Efficiency 802.11b/g/n Applications
1418 Schematic 1.0
VCC
Test conditions:
VCC = 3.3 V
VREG = 2.80 V (11g)
VREG = 2.95 V (11n, 256 QAM)
16
15
14
13
5
6
7
8
1
2
3
4
12
11
10
9
12LF02
50
Ω
RX
50
Ω
TX
VREG
50
Ω
ANT
3.6 nH
4.7 µF
VDET
RX_C TX_C
BT_C
50
Ω
BT
BT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com