Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LF02 Datasheet(PDF) 12 Page - Microchip Technology

Part # SST12LF02
Description  2.4 GHz WLAN High-Gain, High-Efficiency FEM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LF02 Datasheet(HTML) 12 Page - Microchip Technology

Back Button SST12LF02 Datasheet HTML 8Page - Microchip Technology SST12LF02 Datasheet HTML 9Page - Microchip Technology SST12LF02 Datasheet HTML 10Page - Microchip Technology SST12LF02 Datasheet HTML 11Page - Microchip Technology SST12LF02 Datasheet HTML 12Page - Microchip Technology SST12LF02 Datasheet HTML 13Page - Microchip Technology SST12LF02 Datasheet HTML 14Page - Microchip Technology SST12LF02 Datasheet HTML 15Page - Microchip Technology SST12LF02 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
©2015
DS-70005001D
01/15
12
2.4 GHz WLAN High-Gain, High-Efficiency FEM
SST12LF02
Data Sheet
Figure 8: Total Current Consumption for 802.11g operation versus Output Power
Figure 9: Total Current Consumption for 11n and 256 QAM Operations
1418 F6.1
Supply Current versus Output Power
9
10
1112
1314
1516
1718
19
20
21
22
23
Output Power (dBm)
Freq=2.412 GHz
Freq=2.442 GHz
Freq=2.472 GHz
50
60
70
80
90
100
110
120
130
140
150
160
170
180
190
200
1418 F12.0
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
190
200
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20
Output Power (dBm)
Instantaneous Current versus Output Power
11n, 40MHz BW, MCS7, 135Mbps
2412
2442
2472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com