Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LF02 Datasheet(PDF) 1 Page - Microchip Technology

Part # SST12LF02
Description  2.4 GHz WLAN High-Gain, High-Efficiency FEM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LF02 Datasheet(HTML) 1 Page - Microchip Technology

  SST12LF02 Datasheet HTML 1Page - Microchip Technology SST12LF02 Datasheet HTML 2Page - Microchip Technology SST12LF02 Datasheet HTML 3Page - Microchip Technology SST12LF02 Datasheet HTML 4Page - Microchip Technology SST12LF02 Datasheet HTML 5Page - Microchip Technology SST12LF02 Datasheet HTML 6Page - Microchip Technology SST12LF02 Datasheet HTML 7Page - Microchip Technology SST12LF02 Datasheet HTML 8Page - Microchip Technology SST12LF02 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
©2015
DS-70005001D
01/15
Data Sheet
www.microchip.com
Features
• High gain:
– Typically 29 dB gain across 2.4–2.5 GHz over tempera-
ture 0°C to +85°C for Transmitter (TX) chain.
• High linear output power:
– >24 dBm P1dB
- Single-tone measurement
- Please refer to “Absolute Maximum Stress Ratings” on
page 6
– Meets 802.11g OFDM ACPR requirement up to 21 dBm
– ~3% EVM up to 18 dBm for
54 Mbps 802.11g signal
– Meets 802.11b ACPR requirement up to 21 dBm
– 2.5% EVM up to 17 dBm for 11n, MCS7-HT40
– 1.8% EVM up to 16 dBm for 256 QAM MCS9-HT40
• High power-added efficiency/Low operating cur-
rent for 802.11b/g/n applications
– ~27%/160 mA @ POUT = 21 dBm for 802.11g
– ~26%/165 mA @ POUT = 21 dBm for 802.11b
•Low IREF power-up/down control
–IREF <2 mA
• Low idle current
–~65 mA ICQ for 11g operation
–~80 mA ICQ for 11n and 256 QAM operation
• High-speed power-up/down
– Turn on/off time (10%- 90%) <100 ns
– Typical power-up/down delay with driver delay included
<200 ns
• Low shut-down current (~2 µA)
• Limited variation over temperature
– ~1 dB gain/power variation between 0°C to +85°C
• Excellent on-chip power detection
– >15 dB dynamic range on-chip power detection
• Input/output ports matched to 50
 internally and
DC decoupled.
• Packages available
– 16-contact XQFN – 3mm x 3mm
• All non-Pb (lead-free) devices are RoHS compliant
Applications
• WLAN (IEEE 802.11b/g/n)
• Cordless phones
• 2.4 GHz ISM wireless equipment
2.4 GHz WLAN High-Gain, High-Efficiency FEM
SST12LF02
SST12LF02 is a 2.4 GHz Front-End Module (FEM) that combines a high-perfor-
mance Power Amplifier (PA) and a single-pole, three-throw, antenna switch for Tx/
Rx and Bluetooth® control. Designed in compliance with IEEE 802.11 b/g/n/256
QAM applications and based on GaAs PHEMT/HBT technology, the SST12LF02
operates within the frequency range of 2.4- 2.5 GHz at a very low DC-current con-
sumption. The Transmitter chain has excellent linearity, typically 3% EVM up to 18
dBm output power, for 54 Mbps 802.11g operation while meeting 802.11g spec-
trum mask at 21 dBm. The transmitter will also provide 17 dBm with 11n, MCS7-
HT40 modulation and 16 dBm with 256 QAM MCS9-HT40 modulation.
SST12LF02 is offered in a 16-contact XQFN package.


Similar Part No. - SST12LF02

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST12LF02 MICROCHIP-SST12LF02 Datasheet
239Kb / 2P
2.4 GHz High-Gain, High-Efficiency Front-end Module Cordless phones
06/11
logo
Silicon Storage Technol...
SST12LF02 SST-SST12LF02 Datasheet
239Kb / 2P
2.4 GHz High-Gain, High-Efficiency Front-end Module
logo
Microchip Technology
SST12LF02-QXCE MICROCHIP-SST12LF02-QXCE Datasheet
239Kb / 2P
2.4 GHz High-Gain, High-Efficiency Front-end Module Cordless phones
06/11
More results

Similar Description - SST12LF02

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST12LF09 MICROCHIP-SST12LF09 Datasheet
364Kb / 15P
2.4 GHz High-Gain, High-Efficiency Front-end Module
2013
SST12LP20 MICROCHIP-SST12LP20 Datasheet
176Kb / 13P
2.4 GHz High-Efficiency, High-Gain Power Amplifier
2013 05/13
SST12LF02 MICROCHIP-SST12LF02 Datasheet
239Kb / 2P
2.4 GHz High-Gain, High-Efficiency Front-end Module Cordless phones
06/11
SST12LP17E MICROCHIP-SST12LP17E Datasheet
380Kb / 15P
2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
10/14
SST12LP19E MICROCHIP-SST12LP19E_14 Datasheet
438Kb / 24P
2.4 GHz High-Gain, High-Efficiency Power Amplifier
08/14
SST12CP21 MICROCHIP-SST12CP21 Datasheet
337Kb / 17P
2.4 GHz High-Gain, High-Efficiency Power Amplifier
2014
logo
Silicon Storage Technol...
SST12LF02 SST-SST12LF02 Datasheet
239Kb / 2P
2.4 GHz High-Gain, High-Efficiency Front-end Module
SST12LF03 SST-SST12LF03 Datasheet
419Kb / 18P
2.4 GHz High-Gain, High-Efficiency Front-end Module
SST12LP14E SST-SST12LP14E Datasheet
34Kb / 2P
2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
logo
Microchip Technology
SST12LP17A MICROCHIP-SST12LP17A Datasheet
850Kb / 17P
2.4 GHz WLAN, High-Efficiency Power Amplifier Module
01/27/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com