Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LF02 Datasheet(PDF) 2 Page - Microchip Technology

Part # SST12LF02
Description  2.4 GHz WLAN High-Gain, High-Efficiency FEM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LF02 Datasheet(HTML) 2 Page - Microchip Technology

  SST12LF02 Datasheet HTML 1Page - Microchip Technology SST12LF02 Datasheet HTML 2Page - Microchip Technology SST12LF02 Datasheet HTML 3Page - Microchip Technology SST12LF02 Datasheet HTML 4Page - Microchip Technology SST12LF02 Datasheet HTML 5Page - Microchip Technology SST12LF02 Datasheet HTML 6Page - Microchip Technology SST12LF02 Datasheet HTML 7Page - Microchip Technology SST12LF02 Datasheet HTML 8Page - Microchip Technology SST12LF02 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
©2015
DS-70005001D
01/15
2
2.4 GHz WLAN High-Gain, High-Efficiency FEM
SST12LF02
Data Sheet
Product Description
SST12LF02 is a 2.4 GHz Front-end Module (FEM) designed in compliance with IEEE 802.11b/g/n
applications. It combines a high-performance Power Amplifier (PA) and a switch. There are three com-
ponents to the FEM: the Receiver (RX) chain, the Transmitter (TX) chain, and the Bluetooth® (BT)
chain.
The TX chain includes a high-efficiency PA based on the InGaP/GaAs HBT technology. This chain typ-
ically provides 29 dB gain with 27% power-added efficiency (PAE) @ POUT = 21 dBm for 802.11g and
26% PAE @ POUT = 21 dBm for 802.11b
The TX chain has excellent linearity, typically ~3% added EVM at 18 dBm output power which is essen-
tial for 54 Mbps 802.11g operation while meeting 802.11g spectrum mask at 21dBm. The SST12LF02
transmitter will also provide up to 17 dBm for 11n, MCS7-HT40 modulation and up to 16 dBm for 256 QAM,
MCS9-HT40 modulation.
SST12LF02 also features easy board-level usage along with high-speed power-up/down controls.
Ultra-low reference current (total IREF ~2 mA) makes SST12LF02 controllable by an on/off switching
signal directly from the baseband chip. These features, coupled with low operating current, make the
SST12LF02 ideal for the final stage power amplification in battery-powered 802.11b/g/n WLAN trans-
mitter applications.
SST12LF02 has an excellent on-chip, single-ended power detector, which features wide-range (>15
dB) with dB-wise linearization. The excellent on-chip power detector provides a reliable solution to
board-level power control.
The input/output RF ports are single-ended and fully matched to 50
internally. These RF ports are
DC decoupled, and require no DC-blocking capacitors or matching components. This helps reduce the
system board Bill of Materials (BOM) cost.
The SST12LF02 is offered in a16-contact XQFN package. See Figure 2 for pin assignments and Table
1 for pin descriptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com