Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5202 Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC5202
Description  Dual 100 mA Low-Dropout Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5202 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC5202 Datasheet HTML 4Page - Microchip Technology MIC5202 Datasheet HTML 5Page - Microchip Technology MIC5202 Datasheet HTML 6Page - Microchip Technology MIC5202 Datasheet HTML 7Page - Microchip Technology MIC5202 Datasheet HTML 8Page - Microchip Technology MIC5202 Datasheet HTML 9Page - Microchip Technology MIC5202 Datasheet HTML 10Page - Microchip Technology MIC5202 Datasheet HTML 11Page - Microchip Technology MIC5202 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
MIC5202
DS20005614A-page 8
 2016 Microchip Technology Inc.
FIGURE 2-13:
Short Circuit Current vs.
Input Voltage.
FIGURE 2-14:
Load Transient.
FIGURE 2-15:
Load Transient.
FIGURE 2-16:
Input Current vs. Input
Voltage (3.3V Version).
FIGURE 2-17:
Line Transient.
FIGURE 2-18:
Line Transient.
INPUT VOLTAGE (V)
300
250
100
0
1234
7
6
50
150
200
C
IN = 2.2μF
C
OUT = 4.7μF
V
OUT = 3.3V
5
TIME (ms)
20
-20
02
10
0
100
10
6
C
OUT = 4.7μF
48
200
0
-10
TIME (ms)
20
-20
010
40
0
100
10
C
OUT = 47μF
20
30
200
0
-10
INPUT VOLTAGE (V)
120
80
0
20
40
100
60
012
8
10
4
39
567
R
OUT = 33
TIME (ms)
10
-5
0
0.2
0.8
4
5
C
OUT = 1μF
I
OUT = 1mA
0.4
0.6
6
0
TIME (ms)
15
0
0
0.2
0.6
4
10
C
OUT = 10μF
I
OUT = 1mA
0.4
0.5
6
5
0.1
0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com