Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5202 Datasheet(PDF) 12 Page - Microchip Technology

Part # MIC5202
Description  Dual 100 mA Low-Dropout Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5202 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MIC5202 Datasheet HTML 8Page - Microchip Technology MIC5202 Datasheet HTML 9Page - Microchip Technology MIC5202 Datasheet HTML 10Page - Microchip Technology MIC5202 Datasheet HTML 11Page - Microchip Technology MIC5202 Datasheet HTML 12Page - Microchip Technology MIC5202 Datasheet HTML 13Page - Microchip Technology MIC5202 Datasheet HTML 14Page - Microchip Technology MIC5202 Datasheet HTML 15Page - Microchip Technology MIC5202 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
MIC5202
DS20005614A-page 12
 2016 Microchip Technology Inc.
4.0
APPLICATION INFORMATION
The MIC5202 is a dual linear voltage regulator with low
dropout voltage and low ground current features. Ideal
for battery-operated applications, the MIC5202 offers
1% output voltage accuracy, two independent enable
pins, reversed battery protection, short circuit current
limit and overtemperature protection. When the
MIC5202 is disabled, the ground pin current drops to
sub-micro amp and prolongs the battery life.
4.1
Input Supply Voltage
VIN1 and VIN2 provide power to each internal circuit and
may be tied together.
4.2
Ground
Both ground pins (pin 2 and 4) must be tied to the same
ground potential when using a single power supply.
4.3
Input Capacitor
A 1 µF tantalum or aluminum electrolytic capacitor
should be placed close to each VIN pin if there is more
than 10 inches of copper between the input and the
capacitor, or if a battery is used as the supply.
4.4
Output Capacitor
The MIC5202 requires an output capacitor of 1 µF or
greater to maintain stability. Increasing the output
capacitor leads to an improved transient response;
however, the size and cost also increase. Most
tantalum and aluminum electrolytic capacitors are
adequate; film capacitors will work as well, but at a
higher cost. Many aluminum electrolytics have
electrolytes that freeze at –30°C, so tantalum
capacitors are recommended for operations below
–25°C. An equivalent series resistance (ESR) of 5Ω or
less with a resonance frequency above 500 kHz is
recommended. The output capacitor value may be
increased without limit.
At lower output loads, a smaller output capacitor value
is required for output stability. The capacitor can be
reduced to 0.47 µF for current below 10 mA or 0.33 µF
for current below 1 mA.
4.5
No-Load Stability
Unlike many other voltage regulators, the MIC5202
remains stable and in regulation with no load. This is
especially important in CMOS RAM keep-alive
applications.
4.6
Enable Input
The MIC5202 features dual active-high enable pins
that allow each regulator to be enabled and disabled
independently. Forcing the enable pin low disables the
regulator and sends it to a “zero” off-mode-current
state. In this state, current consumed by the regulator
goes nearly to zero. Forcing the enable pin high
enables the output voltage. The active-high enable pin
typically consumes 8 µA of current and cannot be left
floating; a floating enable pin may cause an
indeterminate state on the output.
4.7
Thermal Shutdown
When the internal die temperature of MIC5202 reaches
the limit, the internal driver is disabled until the die
temperature falls.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com