Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5202 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC5202
Description  Dual 100 mA Low-Dropout Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5202 Datasheet(HTML) 1 Page - Microchip Technology

  MIC5202 Datasheet HTML 1Page - Microchip Technology MIC5202 Datasheet HTML 2Page - Microchip Technology MIC5202 Datasheet HTML 3Page - Microchip Technology MIC5202 Datasheet HTML 4Page - Microchip Technology MIC5202 Datasheet HTML 5Page - Microchip Technology MIC5202 Datasheet HTML 6Page - Microchip Technology MIC5202 Datasheet HTML 7Page - Microchip Technology MIC5202 Datasheet HTML 8Page - Microchip Technology MIC5202 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
 2016 Microchip Technology Inc.
DS20005614A-page 1
MIC5202
Features
• High Output Voltage Accuracy
• Variety of Output Voltages
• Up to 100 mA of Continuous Output Current
• Low Ground Current
• Low Dropout Voltage
• Excellent Line and Load Regulations
• Extremely Low Temperature Coefficient
• Current and Thermal Limit Protections
• Reverse-Battery Protection
• Zero-Off Mode Current
• Logic-Controlled Electronic Shutdown
• 8-Pin SOIC Package
Applications
• Cell Phones
• Laptop, Notebook, and Palmtop Computers
• Battery-Powered Equipment
• PCMCIA VCC and VPP Regulation/Switching
• Barcode Scanners
• SMPS Post-Regulator/DC-to-DC Modules
• High-Efficiency Linear Power Supplies
General Description
The MIC5202 is a dual linear voltage regulator with low
dropout voltage (typically 17 mV at light loads and
210 mV at 100 mA), and low ground current (1 mA at
100 mA per output). Ideal for battery-operated
applications, the MIC5202 offers 1% output voltage
accuracy and dual enable pins. The enable pins may
be driven individually or tied directly to VIN. When the
part is disabled, power consumption drops to nearly
zero. The MIC5202 ground current increases slightly in
dropout, which minimizes power consumption and
increases battery life. Some key features include
reversed
battery
protection,
current-limit,
and
overtemperature protection.
The MIC5202 is available in fixed output voltages in the
small 8-pin SOIC package.
Typical Application Schematic
MIC5202
8-PIN SOIC
VOUT1
VOUT2
U1
MIC5202
VOUT1
GND1
GND2
VOUT2
VIN1
VIN2
EN1
EN2
EN1
EN2
Dual 100 mA Low-Dropout Regulator


Similar Part No. - MIC5202

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5202 MICREL-MIC5202 Datasheet
85Kb / 6P
Dual 100mA Low-Dropout Voltage Regulator Preliminary Information
MIC5202 MICREL-MIC5202 Datasheet
135Kb / 7P
Dual 100mA Low-Dropout Regulator
MIC5202-3.0BM MICREL-MIC5202-3.0BM Datasheet
85Kb / 6P
Dual 100mA Low-Dropout Voltage Regulator Preliminary Information
MIC5202-3.0BM MICREL-MIC5202-3.0BM Datasheet
135Kb / 7P
Dual 100mA Low-Dropout Regulator
MIC5202-3.0YM MICREL-MIC5202-3.0YM Datasheet
135Kb / 7P
Dual 100mA Low-Dropout Regulator
More results

Similar Description - MIC5202

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2981 NSC-LP2981 Datasheet
406Kb / 16P
Micropower 100 mA Ultra Low-Dropout Regulator
logo
Unisonic Technologies
UTCLP2950 UTC-UTCLP2950 Datasheet
159Kb / 7P
100 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
AMC2951 ETC-AMC2951 Datasheet
226Kb / 8P
100 MA LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LP2950 UTC-LP2950_05 Datasheet
95Kb / 7P
100 mA LOW-DROPOUT VOLTAGE REGULATOR
LP2950 UTC-LP2950_09 Datasheet
294Kb / 7P
100 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LP2950-2951 ETL-LP2950-2951 Datasheet
294Kb / 7P
100 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Analog Devices
ADP3307 AD-ADP3307_15 Datasheet
1Mb / 8P
100 mA Low Dropout Linear Regulator
REV. A
logo
SHANGHAI BELLING CO., L...
BL2950 BELLING-BL2950 Datasheet
711Kb / 9P
100 mA Low-Dropout Voltage Regulator
logo
Microchip Technology
MIC5200 MICROCHIP-MIC5200 Datasheet
320Kb / 24P
100 mA Low-Dropout Regulator
06/23/16
LP2951 MICROCHIP-LP2951 Datasheet
2Mb / 30P
100 mA Low-Dropout Voltage Regulator
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com