Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5202 Datasheet(PDF) 19 Page - Microchip Technology

Part # MIC5202
Description  Dual 100 mA Low-Dropout Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5202 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MIC5202 Datasheet HTML 14Page - Microchip Technology MIC5202 Datasheet HTML 15Page - Microchip Technology MIC5202 Datasheet HTML 16Page - Microchip Technology MIC5202 Datasheet HTML 17Page - Microchip Technology MIC5202 Datasheet HTML 18Page - Microchip Technology MIC5202 Datasheet HTML 19Page - Microchip Technology MIC5202 Datasheet HTML 20Page - Microchip Technology MIC5202 Datasheet HTML 21Page - Microchip Technology MIC5202 Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
 2016 Microchip Technology Inc.
DS20005614A-page 19
MIC5202
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC5202-3.0YM:
Dual 100 mA Low-Dropout
Regulator, 3.0V Voltage,
–40°C to +125°C Temp. Range,
8-Pin SOIC, 95/Tube
b) MIC5202-3.0YM-TR:
Dual 100 mA Low-Dropout
Regulator, 3.0 Voltage,
–40°C to +125°C Temp. Range,
8-Pin SOIC, 2,500/Reel
c) MIC5202-3.3YM:
Dual 100 mA Low-Dropout
Regulator, 3.3V Voltage,
–40°C to +125°C Temp. Range,
8-Pin SOIC, 95/Tube
d) MIC5202-3.3YM-TR:
Dual 100 mA Low-Dropout
Regulator, 3.3V Voltage,
–40°C to +125°C Temp. Range,
8-Pin SOIC, 2,500/Reel
e) MIC5202-4.8YM:
Dual 100 mA Low-Dropout
Regulator, 4.85V Voltage,
–40°C to +125°C Temp. Range,
8-Pin SOIC, 95/Tube
f) MIC5202-4.8YM-TR:
Dual 100 mA Low-Dropout
Regulator, 4.85V Voltage,
–40°C to +125°C Temp. Range,
8-Pin SOIC, 2,500/Reel
g) MIC5202-5.0YM:
Dual 100 mA Low-Dropout
Regulator, 5.0V Voltage,
–40°C to +125°C Temp. Range,
8-Pin SOIC, 95/Tube
h) MIC5202-5.0YM-TR:
Dual 100 mA Low-Dropout
Regulator, 5.0V Voltage,
–40°C to +125°C Temp. Range,
8-Pin SOIC, 2,500/Reel
PART NO.
XX
Package
Device
Device:
MIC5202:
Dual 100 mA Low-Dropout Regulator
Output Voltage:
3.0
=
3.0V
3.3
=
3.3V
4.8
=
4.85V
5.0
=
5.0V
Temperature:
Y
=
–40°C to +125°C
Package:
M
=
8-Pin SOIC
Media Type:
TR =
2,500/Reel
blank=
95/Tube
X.X
–
Output
X
Temperature
X.X
–
Media Type
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com