Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5202 Datasheet(PDF) 9 Page - Microchip Technology

Part # MIC5202
Description  Dual 100 mA Low-Dropout Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5202 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MIC5202 Datasheet HTML 5Page - Microchip Technology MIC5202 Datasheet HTML 6Page - Microchip Technology MIC5202 Datasheet HTML 7Page - Microchip Technology MIC5202 Datasheet HTML 8Page - Microchip Technology MIC5202 Datasheet HTML 9Page - Microchip Technology MIC5202 Datasheet HTML 10Page - Microchip Technology MIC5202 Datasheet HTML 11Page - Microchip Technology MIC5202 Datasheet HTML 12Page - Microchip Technology MIC5202 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
 2016 Microchip Technology Inc.
DS20005614A-page 9
MIC5202
FIGURE 2-19:
Input Current vs. Input
Voltage (3.3V Version).
FIGURE 2-20:
Enable Transient (3.3V
Version).
FIGURE 2-21:
Enable Transient (3.3V
Version).
FIGURE 2-22:
Output Impedance.
FIGURE 2-23:
Enable Current Threshold
vs. Temperature.
FIGURE 2-24:
Enable Voltage Threshold
vs. Temperature.
INPUT VOLTAGE (V)
60
40
0
10
20
50
30
012
7
4
35
6
R
OUT = 66
TIME (μs)
5
0
0
100
300
0
4
C
OUT = 4.7μF
I
OUT = 1mA
200 250
2
1
50
150
3
2
TIME (μs)
5
0
0
100
300
0
4
C
OUT = 4.7μF
I
OUT = 100mA
200 250
2
1
50
150
3
2
FREQUENCY (Hz)
1000
100
0.1
0.001
0.01
1
10
I
OUT = 100μA
I
OUT = 1mA
I
OUT = 100mA
TEMPERATURE (ºC)
35
30
-5
0
5
10
15
C
IN = 2.2μF
C
OUT = 4.7μF
25
20
-60
-30
0
90
150
60
30
120
V
EN = 5V
V
EN = 2V
TEMPERATURE (ºC)
1.6
1.4
0.4
0.6
0.8
1.0
C
IN = 2.2μF
C
OUT = 4.7μF
1.2
-60
-30
0
90
150
60
30
120
ON
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com