Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5202 Datasheet(PDF) 13 Page - Microchip Technology

Part # MIC5202
Description  Dual 100 mA Low-Dropout Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5202 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MIC5202 Datasheet HTML 9Page - Microchip Technology MIC5202 Datasheet HTML 10Page - Microchip Technology MIC5202 Datasheet HTML 11Page - Microchip Technology MIC5202 Datasheet HTML 12Page - Microchip Technology MIC5202 Datasheet HTML 13Page - Microchip Technology MIC5202 Datasheet HTML 14Page - Microchip Technology MIC5202 Datasheet HTML 15Page - Microchip Technology MIC5202 Datasheet HTML 16Page - Microchip Technology MIC5202 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
 2016 Microchip Technology Inc.
DS20005614A-page 13
MIC5202
5.0
THERMAL CONSIDERATIONS
5.1
Layout
The MIC5202 (8-pin SOIC package) has the thermal
characteristics shown in Table 5-1, when mounted on a
single-layer copper-clad printed circuit board.
Multi-layer boards with a dedicated ground plane, wide
traces, and large supply bus lines provide better
thermal conductivity.
The “worst case” value of 160°C/W assumes no ground
plane, minimum trace widths, and a FR4 material
board.
5.2
Nominal Power Dissipation and
Die Temperature
At +25°C ambient temperature, the MIC5202 operates
reliably at up to 625 mW when mounted in the “worst
case” manner described in the previous section. At an
ambient temperature of +55°C, the device can safely
dissipate 440 mW. These power levels are equivalent
to a die temperature of +125°C, which corresponds to
the
recommended
maximum
temperature
for
non-military grade silicon integrated circuits.
TABLE 5-1:
THERMAL CHARACTERISTIC
CONSIDERATIONS
PC Board Dielectric
θJA
FR4
160°C/W
Ceramic
120°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com