Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW451027/HF Datasheet(PDF) 52 Page - STMicroelectronics

Part # STW451027/HF
Description  2 step-down DC/DC converters / 5 LDO power management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW451027/HF Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STW451027/HF Datasheet HTML 48Page - STMicroelectronics STW451027/HF Datasheet HTML 49Page - STMicroelectronics STW451027/HF Datasheet HTML 50Page - STMicroelectronics STW451027/HF Datasheet HTML 51Page - STMicroelectronics STW451027/HF Datasheet HTML 52Page - STMicroelectronics STW451027/HF Datasheet HTML 53Page - STMicroelectronics STW451027/HF Datasheet HTML 54Page - STMicroelectronics STW451027/HF Datasheet HTML 55Page - STMicroelectronics STW451027/HF Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Package mechanical data
STw4510
52/57
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97.
The maximum ratings related to soldering conditions are also marked on the inner box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
7.1
TFBGA 84 balls 6 mm x 6 mm x 1.2 mm
See
Figure 10: TFBGA84 6 mm x 6 mm x 1.2 mm outline drawing.
Table 32.
TFBGA84 6 mm x 6 mm x 1.2 mm - 0.5mm ball pitch (1) (2)
1.
These measurements conform to JEDEC standards
2.
Drawing dimensions
Parameter
Min.
Typ.
Max.
Unit
A
1.16
mm
A1
0.20
0.25
0.30
mm
A2
0.82
mm
b
0.25
0.30
0.35
mm
D
5.90
6.00
6.10
mm
D1
4.50
mm
E
5.90
6.00
6.10
mm
E1
4.50
mm
e
0.45
0.50
0.55
mm
f
0.65
0.75
0.85
mm
ddd
0.08
mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com