Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW451027/HF Datasheet(PDF) 35 Page - STMicroelectronics

Part # STW451027/HF
Description  2 step-down DC/DC converters / 5 LDO power management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW451027/HF Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STW451027/HF Datasheet HTML 31Page - STMicroelectronics STW451027/HF Datasheet HTML 32Page - STMicroelectronics STW451027/HF Datasheet HTML 33Page - STMicroelectronics STW451027/HF Datasheet HTML 34Page - STMicroelectronics STW451027/HF Datasheet HTML 35Page - STMicroelectronics STW451027/HF Datasheet HTML 36Page - STMicroelectronics STW451027/HF Datasheet HTML 37Page - STMicroelectronics STW451027/HF Datasheet HTML 38Page - STMicroelectronics STW451027/HF Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STw4510
Electrical and timing characteristics
35/57
4
Electrical and timing characteristics
Otherwise specified typical parameters are defined for ambient T = 25 °C, Vbat = 3.6 V.
4.1
Absolute maximum ratings
Table 15.
STw4510 absolute maximum ratings
Symbol
Description
Min.
Typ.
Max.
Units
Maximum power supply
-0.5
7
V
Ta
Maximum operating ambient temperature
-30
85
°C
Tj
Maximum junction temperature
-30
150
°C
Recommended operating junction temperature
125
°C
Vesd
ESD - HBM model(1)
- 2(2)
2kV
Vesd
ESD - CDM model(3)
- 300
500
V
1.
Human Body Model: Standard JEDEC: JESD22-A114D
2.
Except for the configuration when ESD is measured versus Vbat-Dig -1.8kV
3.
Charged Device Model: Standard JEDEC: JESD22-C101C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com