Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW451027/HF Datasheet(PDF) 37 Page - STMicroelectronics

Part # STW451027/HF
Description  2 step-down DC/DC converters / 5 LDO power management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW451027/HF Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STW451027/HF Datasheet HTML 33Page - STMicroelectronics STW451027/HF Datasheet HTML 34Page - STMicroelectronics STW451027/HF Datasheet HTML 35Page - STMicroelectronics STW451027/HF Datasheet HTML 36Page - STMicroelectronics STW451027/HF Datasheet HTML 37Page - STMicroelectronics STW451027/HF Datasheet HTML 38Page - STMicroelectronics STW451027/HF Datasheet HTML 39Page - STMicroelectronics STW451027/HF Datasheet HTML 40Page - STMicroelectronics STW451027/HF Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STw4510
Electrical and timing characteristics
37/57
4.2.3
Vsdc1 DC/DC step-down converter
Table 18.
Vsdc1 DC/DC step-down converter
Symbol
Description
Test conditions
Min.
Typ.
Max.
Units
Vsdc1 regulator in high power mode
VBAT
Input power supply
2.7
3.6
5.5
V
VOUT
Programmable output
voltage
Vsdc1_sel[1:0] = 00
* vsdc1_prg[3:0]
1111
1110
1101
1100
1011
1010
1001
1000
0111
0110
0101
0100 (default)
0011
0010
0001
0000
-5%
-5%
-5%
1.50
1.40
1.38
1.36
1.34
1.32
1.30
1.28
1.26
1.24
1.22
1.20
1.15
1.10
1.05
1.00
+5%
+5%
+ 5%
V
VRIPPLE
Output voltage ripple
Vsdc1 = 1.2 V
IOUT = 200 mA
10
mVpp
IOUT
Output current
600
mA
PEFF
Power efficiency
Vsdc1 = 1.2 V
IOUT = 200 mA
86
%
ISHORT
(1)
Short circuit current
limitation
0.9
1.2
1.4
A
I(2)Q
Quiescent current
IOUT = 0 mA
5
µA
ILKG
Power-down current
en_vsdc1 = 0
1.5
µA
PSRR(1)
Power supply rejection
Vsdc1 = 1.2 V
IOUT = 200 mA
Vpp = 0.3 V,
F: [0; 20] kHz
40
dB
SR
Rising slope
IOUT = 10 mA
0.55
ms/V
Lir
Line regulation
VBAT: [2.7; 5.5] V
10
mV
Ldr
Load regulation
IOUT: [0.1; 600] mA
10
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com