Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW451027/HF Datasheet(PDF) 46 Page - STMicroelectronics

Part # STW451027/HF
Description  2 step-down DC/DC converters / 5 LDO power management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW451027/HF Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STW451027/HF Datasheet HTML 42Page - STMicroelectronics STW451027/HF Datasheet HTML 43Page - STMicroelectronics STW451027/HF Datasheet HTML 44Page - STMicroelectronics STW451027/HF Datasheet HTML 45Page - STMicroelectronics STW451027/HF Datasheet HTML 46Page - STMicroelectronics STW451027/HF Datasheet HTML 47Page - STMicroelectronics STW451027/HF Datasheet HTML 48Page - STMicroelectronics STW451027/HF Datasheet HTML 49Page - STMicroelectronics STW451027/HF Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical and timing characteristics
STw4510
46/57
4.2.6
Power supply monitoring
This block monitors the Vsdc1 and Vsdc2 output voltage. If Vsdc1 or Vsdc2 drops below the
threshold, the processor is reset.
4.3
Digital specifications
All electrical specifications having the VddIO voltage as reference will be able to sustain
1.8 V or 2.8 V ± 5 % for VddIO voltage supply.
VddIO ball could be connected to Vsdc2 at 1.8 V or to external voltage at 1.8 V or at a
maximum voltage of 2.8 V ± 5 %
4.3.1
CMOS input/output static characteristics: I²C interface
Table 24.
Power supply monitoring
Symbol
Description
Test conditions
Min.
Typ.
Max.
Units
Threshold
THCORE
Threshold Vsdc1
Vsdc1 = 1.2 V or 1.5 V
-3%
Vsdc1-150
+3%
mV
Vsdc1 = 1 V
-3%
Vsdc1-100
+3%
mV
THVIO
Threshold Vsdc2
-3%
1.65
+3%
V
Table 25.
CMOS input/output static characteristics: I²C interface
Symbol
Description
Test conditions
Min.
Typ.
Max.
Units
I²C interface
VIL
Low level input voltage
0.3*VddIO
V
VIH
High level input voltage
0.7*VddIO
V
IIL
Low level input current
-1.0
1.0
µA
IIH
High level input current
-1.0
1.0
µA
VOL
Low level output voltage
IOL = 3mA (with open
drain or open collector)
0.2*VddIO
VOH
High level output voltage
IOL = 3mA (with open
drain or open collector)
0.8*VddIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com