Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW451027/HF Datasheet(PDF) 31 Page - STMicroelectronics

Part # STW451027/HF
Description  2 step-down DC/DC converters / 5 LDO power management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW451027/HF Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STW451027/HF Datasheet HTML 27Page - STMicroelectronics STW451027/HF Datasheet HTML 28Page - STMicroelectronics STW451027/HF Datasheet HTML 29Page - STMicroelectronics STW451027/HF Datasheet HTML 30Page - STMicroelectronics STW451027/HF Datasheet HTML 31Page - STMicroelectronics STW451027/HF Datasheet HTML 32Page - STMicroelectronics STW451027/HF Datasheet HTML 33Page - STMicroelectronics STW451027/HF Datasheet HTML 34Page - STMicroelectronics STW451027/HF Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STw4510
Functional description
31/57
3.3.3
Vsdc2 step down DC/DC converter
The Vsdc2 step down DC/DC converter is designed to supply the IOs of the processor and
its peripherals (memories DDR-SDRAM for example).
Vsdc2 output has a fixed 1.8V output voltage.
The step down DC/DC converter runs on the internal RC oscillator.
Main features
●
Fixed 1.8 V output voltage
●
Three power domains:
–
High power mode - 600 mA full load
–
Sleep mode with a 10 mA low current capability. (
Table 19: Vsdc2 DC/DC step-
down converter)
Fast switching from sleep mode (low current output capability) to high power
mode. The step down DC/DC converter is in sleep mode when the portable
processor controls the Pwren signal to 0 indicating that the portable processor is
able to switch to sleep mode. VddOK signal indicates to the processor that Vsdc2
supply is in the specified range.
–
Power down mode when step down DC/DC converter is switched off, no
consumption. The ON/OFF sequence is controlled by Pon; Pon signal is set to 0
and Vsdc1 is switched off.
●
Soft start circuitry from power off to high power mode
●
Specification guaranteed with input voltage from 2.7 V up to 5.5 V
Note:
The definition of sleep mode is given in Section 3.2.3.
3.3.4
Vana1
This LDO is dedicated, for example, to supply an analog part of a peripheral associated to a
processor.
Main features
●
Programmable output voltage: Vana1_sel[1:0] pads - 1.5, 1.8, 2.5, 2.8 V (to be fixed in
the application by routing to Vbat or ground). On the 4 mm x 4 mm package the
selection of output voltage values is limited to Sel[0] and the available voltage values
are 2.5 V and 2.8 V.
●
Three power domains:
–
High power mode, 150 mA full load
–
Sleep mode with a low current capability of 0.5 mA full load (
Table 20)
–
Power down mode when regulator is switched off and there is no power
consumption (pdn-vana1 bit of application control register (
Application control
register 2) or en_vana1 bit of power control register - (Power control register @
06h), it is recommended to use only the pdn_vana1 control bit.
●
Default setting defined by start-up device configuration
●
Specification guaranteed with battery voltages from 2.7 V up to 5.5 V (battery voltage
of 3.5 V for a LDO output of 3.3V with full characteristics available).
Note:
The definition of sleep mode is given in Section 3.2.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com