Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW451027/HF Datasheet(PDF) 54 Page - STMicroelectronics

Part # STW451027/HF
Description  2 step-down DC/DC converters / 5 LDO power management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW451027/HF Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STW451027/HF Datasheet HTML 49Page - STMicroelectronics STW451027/HF Datasheet HTML 50Page - STMicroelectronics STW451027/HF Datasheet HTML 51Page - STMicroelectronics STW451027/HF Datasheet HTML 52Page - STMicroelectronics STW451027/HF Datasheet HTML 53Page - STMicroelectronics STW451027/HF Datasheet HTML 54Page - STMicroelectronics STW451027/HF Datasheet HTML 55Page - STMicroelectronics STW451027/HF Datasheet HTML 56Page - STMicroelectronics STW451027/HF Datasheet HTML 57Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 54 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Package mechanical data
STw4510
54/57
7.2
TFBGA 49 balls 4 mm x 4 mm x 1.2 mm
Table 33.
TFBGA49 4 mm x 4 mm x 1.2 mm, 0.5mm pitch
Reference
Min.
Typ.
Max.
Unit
A
1.2
mm
A1
0.15
mm
A2
0.8
mm
A3
0.2
mm
A4
0.6
mm
b
0.25
0.3
0.35
mm
D
3.85
4.00
4.15
mm
D1
3.00
mm
E
3.85
4.00
4.15
mm
E1
3.00
mm
e0.50
mm
F0.5
mm
ddd
0.08
mm
eee
0.15
mm
fff
0.05
mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com