Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R23 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT46R23
Description  8-Bit OTP Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R23 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT46R23 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
HT46R23
Rev. 1.30
13
August 17, 2001
TO PD
RESET Conditions
0
0 RES reset during power-up
u
u RES reset during normal operation
0
1 RES wake-up HALT
1
u WDT time-out during normal operation
1
1 WDT wake-up HALT
Note: ²u² means ²unchanged²
To guarantee that the system oscillator is started and
stabilized, the SST (System Start-up Timer) provides an
extra-delay of 1024 system clock pulses when the sys-
tem reset (power-up, WDT time-out or RES reset) or the
system awakes from the HALT state.
When a system reset occurs, the SST delay is added
during the reset period. Any wake-up from HALT will en-
able the SST delay. The functional unit chip reset status
are shown below.
PC
000H
Interrupt
Disable
WDT
Clear. After master reset, WDT
begins counting
Timer/event Counter Off
Input/output Ports
Input mode
SP
Points to the top of the stack
The registers states are summarized in the following table.
Register Rese t(Power On)
WDT Time-out
(Normal Operation)
RES Reset
(Normal Operation)
RES Rese
(HALT)
WDT Time-out
(HALT)*
TMRL
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMRH
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMRC
00-0 1000
00-0 1000
00-0 1000
00-0 1000
uu-u uuuu
Program
Counter
000H
000H
000H
000H
000H
MP0
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
MP1
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
-xxx xxxx
-uuu uuuu
-uuu uuuu
-uuu uuuu
-uuu uuuu
STATUS
--00 xxxx
--1u uuuu
--uu uuuu
--01 uuuu
--11 uuuu
INTC0
-000 0000
-000 0000
-000 0000
-000 0000
-uuu uuuu
INTC1
---0 ---0
---0 ---0
---0 ---0
---0 ---0
---u ---u
PA
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PB
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PBC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PC
---1 1111
---1 1111
---1 1111
---1 1111
---u uuuu
PCC
---1 1111
---1 1111
---1 1111
---1 1111
---u uuuu
PD
---- --11
---- --11
---- --11
---- --11
---- --uu
PDC
---- --11
---- --11
---- --11
---- --11
---- --uu
PWM0
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
PWM1
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
HADR
xxxx xxx-
xxxx xxx-
xxxx xxx-
xxxx xxx-
uuuu uuu-
HCR
0--0 0---
0--0 0---
0--0 0---
0--0 0---
u--u u---
HSR
100- -0-1
100- -0-1
100- -0-1
100- -0-1
uuu- -u-u
HDR
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com