Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R23 Datasheet(PDF) 37 Page - Holtek Semiconductor Inc

Part # HT46R23
Description  8-Bit OTP Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R23 Datasheet(HTML) 37 Page - Holtek Semiconductor Inc

Back Button HT46R23 Datasheet HTML 33Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 34Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 35Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 36Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 37Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 38Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 39Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 40Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 41Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
RRCA [m]
Rotate right through carry and place result in the accumulator.
Description
Data of the specified data memory and the carry flag are rotated 1 bit right. Bit 0 replaces the
carry bit and the original carry flag is rotated into the bit 7 position. The rotated result is stored
in the accumulator. The contents of the data memory remain unchanged.
Operation
ACC.i ¬ [m].(i+1); [m].i:bit i of the data memory (i=0~6)
ACC.7 ¬ C
C ¬ [m].0
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾
Ö
SBC A,[m]
Subtract data memory and carry from the accumulator.
Description
The contents of the specified data memory and the complement of the carry flag are sub-
tracted from the accumulator, leaving the result in the accumulator.
Operation
ACC ¬ ACC+[m]+C
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
¾
¾
¾
¾
ÖÖÖÖ
SBCM A,[m]
Subtract data memory and carry from the accumulator.
Description
The contents of the specified data memory and the complement of the carry flag are sub-
tracted from the accumulator, leaving the result in the data memory.
Operation
[m] ¬ ACC+[m]+C
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
¾
¾
¾
¾
ÖÖÖÖ
SDZ [m]
Skip if decrement data memory is 0.
Description
The contents of the specified data memory are decremented by 1. If the result is 0, the next in-
struction is skipped. If the result is 0, the following instruction, fetched during the current in-
struction execution, is discarded and a dummy cycle is replaced to get the proper instruction
(2 cycles). Otherwise proceed with the next instruction (1 cycle).
Operation
Skip if ([m]-1)=0, [m] ¬ ([m]-1)
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾¾
SDZA [m]
Decrement data memory and place result in ACC, skip if 0.
Description
The contents of the specified data memory are decremented by 1. If the result is 0, the next in-
struction is skipped. The result is stored in the accumulator but the data memory remains un-
changed. If the result is 0, the following instruction, fetched during the current instruction
execution, is discarded and a dummy cycle is replaced to get the proper instruction (2 cycles).
Otherwise proceed with the next instruction (1 cycle).
Operation
Skip if ([m]-1)=0, ACC ¬ ([m]-1)
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾¾
HT46R23
Rev. 1.30
37
August 17, 2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com