Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R23 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT46R23
Description  8-Bit OTP Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R23 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT46R23 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
A.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS1
System Clock (Crystal OSC)
3.3V
¾
400
¾
4000
kHz
5V
¾
400
¾
8000
kHz
fSYS2
System Clock (RC OSC)
3.3V
¾
400
¾
4000
kHz
5V
¾
400
¾
8000
kHz
fTIMER
Timer I/P Frequency (TMR)
3.3V
¾
0
¾
4000
kHz
5V
¾
0
¾
8000
kHz
tAD
A/D Clock Period
5V
¾
1
¾¾ms
tADC
A/D Conversion Time
¾¾
¾
76
¾
tAD
tWDTOSC
Watchdog Oscillator
3.3V
¾
43
86
168
ms
5V
¾
36
72
144
ms
tRES
External Reset Low Pulse Width
¾¾
1
¾¾ms
tSST
System Start-up Timer Period
¾
Power-up, reset or
wake-up from HALT
¾
1024
¾
*tSYS
tINT
Interrupt Pulse Width
¾¾
1
¾¾ms
tHBUS
I2C BUS Clock Period
¾
Connect to external
pull-high resistor 2kW
64
¾¾
*tSYS
Note: *tSYS=1/fSYS
HT46R23
Rev. 1.30
5
August 17, 2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com