Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R23 Datasheet(PDF) 25 Page - Holtek Semiconductor Inc

Part # HT46R23
Description  8-Bit OTP Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R23 Datasheet(HTML) 25 Page - Holtek Semiconductor Inc

Back Button HT46R23 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 27Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 29Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
HT46R23
Rev. 1.30
25
August 17, 2001
ROM code option
The following shows ten kinds of ROM code option in the HT46R23. ALL the ROM code options must be defined to en-
sure proper system function.
No.
ROM Code Option
1
OSC type selection. This option is to decide if an RC or crystal oscillator is chosen as system clock.
2
WDT source selection. There are three types of selection: on-chip RC oscillator, instruction clock or disable the
WDT.
3
CLRWDT times selection. This option defines how to clear the WDT by instruction. ²One time² means that the
CLR WDT instruction can clear the WDT. ²Two times² means only if both of the CLR WDT1 and CLR WDT2 in-
structions have been executed, then WDT can be cleared.
4
Wake-up selection. This option defines the wake-up function activity. External I/O pins (PA only) all have the
capability to wake-up the chip from a HALT.
5
Pull-high selection. This option is to decide whether a pull-high resistance is visible or not in the input mode of
the I/O ports. PA0~PA7, can be independently selected.
6
PFD selection:
PA3: level output or PFD output
7
PWM selection: (7+1) or (6+2) mode
PD0: level output or PWM0 output
PD1: level output or PWM1 output
8
WDT time-out period selection. There are four types of selection: WDT clock source divided by 212,213,214 and
215
9
Low voltage detector selection: Enable or disable LVD function.
10 I
2C BUS selection:
PA6 and PA7: I/O or I2C BUS function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com