Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R23 Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT46R23
Description  8-Bit OTP Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R23 Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT46R23 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 29Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 30Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 31Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 32Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 33Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 34Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 35Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
CPLA [m]
Complement data memory and place result in the accumulator.
Description
Each bit of the specified data memory is logically complemented (1¢s complement). Bits which
previously contained a 1 are changed to 0 and vice-versa. The complemented result is stored
in the accumulator and the contents of the data memory remain unchanged.
Operation
ACC ¬ [m]
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
¾
¾
¾
¾
¾Ö¾
¾
DAA [m]
Decimal-Adjust accumulator for addition.
Description
The accumulator value is adjusted to the BCD (Binary Coded Decimal) code. The accumula-
tor is divided into two nibbles. Each nibble is adjusted to the BCD code and an internal carry
(AC1) will be done if the low nibble of the accumulator is greater than 9. The BCD adjustment
is done by adding 6 to the original value if the original value is greater than 9 or a carry (AC or
C) is set; otherwise the original value remains unchanged. The result is stored in the data
memory and only the carry flag (C) may be affected.
Operation
If ACC.3~ACC.0 >9 or AC=1
then [m].3~[m].0 ¬ (ACC.3~ACC.0)+6, AC1=AC
else [m].3~[m].0) ¬ (ACC.3~ACC.0), AC1=0
and
If ACC.7~ACC.4+AC1 >9 or C=1
then [m].7~[m].4 ¬ ACC.7~ACC.4+6+AC1,C=1
else [m].7~[m].4 ¬ ACC.7~ACC.4+AC1,C=C
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾
Ö
DEC [m]
Decrement data memory.
Description
Data in the specified data memory is decremented by 1.
Operation
[m] ¬ [m]-1
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
¾
¾
¾
¾
¾Ö¾
¾
DECA [m]
Decrement data memory and place result in the accumulator.
Description
Data in the specified data memory is decremented by 1, leaving the result in the accumulator.
The contents of the data memory remain unchanged.
Operation
ACC ¬ [m]-1
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
¾
¾
¾
¾
¾Ö¾
¾
HT46R23
Rev. 1.30
32
August 17, 2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com