Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R23 Datasheet(PDF) 38 Page - Holtek Semiconductor Inc

Part # HT46R23
Description  8-Bit OTP Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R23 Datasheet(HTML) 38 Page - Holtek Semiconductor Inc

Back Button HT46R23 Datasheet HTML 34Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 35Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 36Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 37Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 38Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 39Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 40Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 41Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 42Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
SET [m]
Set data memory.
Description
Each bit of the specified data memory is set to 1.
Operation
[m] ¬ FFH
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾¾
SET [m].i
Set bit of data memory.
Description
Bit ²i² of the specified data memory is set to 1.
Operation
[m].i ¬ 1
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾¾
SIZ [m]
Skip if increment data memory is 0.
Description
The contents of the specified data memory are incremented by 1. If the result is 0, the follow-
ing instruction, fetched during the current instruction execution, is discarded and a dummy cy-
cle is replaced to get the proper instruction (2 cycles). Otherwise proceed with the next
instruction (1 cycle).
Operation
Skip if ([m]+1)=0, [m] ¬ ([m]+1)
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾¾
SIZA [m]
Increment data memory and place result in ACC, skip if 0.
Description
The contents of the specified data memory are incremented by 1. If the result is 0, the next in-
struction is skipped and the result is stored in the accumulator. The data memory remains un-
changed. If the result is 0, the following instruction, fetched during the current instruction
execution, is discarded and a dummy cycle is replaced to get the proper instruction (2 cycles).
Otherwise proceed with the next instruction (1 cycle).
Operation
Skip if ([m]+1)=0, ACC ¬ ([m]+1)
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾¾
SNZ [m].i
Skip if bit ²i² of the data memory is not 0.
Description
If bit ²i² of the specified data memory is not 0, the next instruction is skipped. If bit ²i² of the
data memory is not 0, the following instruction, fetched during the current instruction execu-
tion, is discarded and a dummy cycle is replaced to get the proper instruction (2 cycles). Oth-
erwise proceed with the next instruction (1 cycle).
Operation
Skip if [m].i¹0
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾¾
HT46R23
Rev. 1.30
38
August 17, 2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com