Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT47R20 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT47R20
Description  8 縕첮-F 玉툾TP ?고뒳?
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47R20 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT47R20 Datasheet HTML 1Page - Holtek Semiconductor Inc HT47R20 Datasheet HTML 2Page - Holtek Semiconductor Inc HT47R20 Datasheet HTML 3Page - Holtek Semiconductor Inc HT47R20 Datasheet HTML 4Page - Holtek Semiconductor Inc HT47R20 Datasheet HTML 5Page - Holtek Semiconductor Inc HT47R20 Datasheet HTML 6Page - Holtek Semiconductor Inc HT47R20 Datasheet HTML 7Page - Holtek Semiconductor Inc HT47R20 Datasheet HTML 8Page - Holtek Semiconductor Inc HT47R20 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
HT47R20
Rev. 1.10
2
2002-07-25
方框图
M
U
X
P B 0 / I N T
P r o g r a m
C o u n t e r
P r o g r a m
E P R O M
I n s t r u c t i o n
R e g i s t e r
I n s t r u c t i o n
D e c o d e r
T i m i n g
G e n e r a t o r
O S C 2
O S C 4
O S C 1
R E S
V D D
V S S
I n t e r r u p t
C i r c u i t
I N T C
M P
M
U
X
M U X
D A T A
M e m o r y
A L U
S h i f t e r
S T A T U S
A C C
P A
P o r t A
P A 0 / B Z
T i m e r A
S y s t e m C l o c k
M
U
X
S Y S C L K / 4
P B
P o r t B
P B 2 / T M R
W D T O S C
P A 1 / B Z
P A 2 / I R
P A 3 / P F D
P A 4 ~ P A 7
P B 0 / I N T
P B 1
P B 3
R T C O S C
O S C 3
O S C 4
R T C
S T A C K
L C D
M e m o r y
B P
L C D D r i v e r
C O M 0 ~
C O M 2
C O M 3 /
S E G 1 9
S E G 0 ~
S E G 1 8
T i m e B a s e
W D T
T i m e r B
T 1
R T C O u t p u t
P B 2 / T M R
P F D
P A 3 / P F D
O v e r f l o w
R C T y p e
A / D C o n v e r t e r
A / D C l o c k
I N 0
C S 0
R S 0
C R T 0
R T 0
I N 1
C S 1
R S 1
R T 1
H a l v e
V o l t a g e
V 1 V 2 V L C D
C 1
C 2
O S C 3
H A L T
E N / D I S
L V D / L V R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com