Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT47R20 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT47R20
Description  8 縕첮-F 玉툾TP ?고뒳?
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47R20 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT47R20 Datasheet HTML 18Page - Holtek Semiconductor Inc HT47R20 Datasheet HTML 19Page - Holtek Semiconductor Inc HT47R20 Datasheet HTML 20Page - Holtek Semiconductor Inc HT47R20 Datasheet HTML 21Page - Holtek Semiconductor Inc HT47R20 Datasheet HTML 22Page - Holtek Semiconductor Inc HT47R20 Datasheet HTML 23Page - Holtek Semiconductor Inc HT47R20 Datasheet HTML 24Page - Holtek Semiconductor Inc HT47R20 Datasheet HTML 25Page - Holtek Semiconductor Inc HT47R20 Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
HT47R20
Rev. 1.10
22
2002-07-25
N o r m a l O p e r a t i o n M o d e :
D u r i n g a R e s e t P u l s e :
C O M 0 , C O M 1 , C O M 2
V L C D
1 / 2 V L C D
V S S
V L C D
1 / 2 V L C D
V S S
A l l L C D d r i v e r o u t p u t s
L C D s e g m e n t s o n C O M
0 , 1 , 2 s i d e s u n l i g h t e d
C O M 0
C O M 1
C O M 2 *
O n l y L C D s e g m e n t s o n
C O M 0 s i d e l i g h t e d
O n l y L C D s e g m e n t s o n
C O M 1 s i d e l i g h t e d
O n l y L C D s e g m e n t s o n
C O M 2 s i d e l i g h t e d
L C D s e g m e n t s o n
C O M 0 , 1 s i d e s l i g h t e d
C O M 0 , 2 s i d e s l i g h t e d
L C D s e g m e n t s o n
L C D s e g m e n t s o n
C O M 1 , 2 s i d e s l i g h t e d
H a l t M o d e :
C O M 0 , 1 , 2 s i d e s l i g h t e d
L C D s e g m e n t s o n
C O M 0 , C O M 1 , C O M 2
A l l L C D d r i v e r o u t p u t s
V L C D
1 / 2 V L C D
V S S
V L C D
1 / 2 V L C D
V S S
V L C D
1 / 2 V L C D
V S S
V L C D
1 / 2 V L C D
V S S
V L C D
1 / 2 V L C D
V S S
V L C D
1 / 2 V L C D
V S S
V L C D
1 / 2 V L C D
V S S
V L C D
1 / 2 V L C D
V S S
V L C D
1 / 2 V L C D
V S S
V L C D
1 / 2 V L C D
V S S
V L C D
1 / 2 V L C D
V S S
V L C D
1 / 2 V L C D
V S S
V L C D
1 / 2 V L C D
V S S
*
*
*
N o t e : " * " O m i t t h e C O M 2 s i g n a l , i f t h e 1 / 2 d u t y L C D i s u s e d .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com