Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2633 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2633
Description  Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2633 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button LM2633 Datasheet HTML 21Page - National Semiconductor (TI) LM2633 Datasheet HTML 22Page - National Semiconductor (TI) LM2633 Datasheet HTML 23Page - National Semiconductor (TI) LM2633 Datasheet HTML 24Page - National Semiconductor (TI) LM2633 Datasheet HTML 25Page - National Semiconductor (TI) LM2633 Datasheet HTML 26Page - National Semiconductor (TI) LM2633 Datasheet HTML 27Page - National Semiconductor (TI) LM2633 Datasheet HTML 28Page - National Semiconductor (TI) LM2633 Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
Design Procedures (Continued)
ESR - Equivalent Series Resistance.
Loading transient - a load transient when the load current
goes from minimum load to full load.
Unloading transient - a load transient when the load current
goes from full load to minimum load.
C - regulator output capacitance.
D - duty cycle.
f - switching frequency.
I
nlim - negative current limit level.
I
ilim - ILIMx pin current.
I
irrm - maximum input current ripple RMS value.
I
load - load current.
I
rip - output inductor peak-to-peak ripple current.
±
δ% - CPU core voltage regulation window.
±
λ% - LM2633 initial DAC tolerance.
∆V
c_s - maximum allowed CPU core voltage excursion dur-
ing a load transient, as derived from CPU specifications.
∆I
c_s - maximum load current change during a load transient,
as specified by the CPU manufacturer.
L - inductance of the output inductor.
R
e - total combined ESR of output capacitors.
R
e_s - maximum allowed total combined ESR of the output
capacitors, as derived from CPU load transient specifica-
tions.
R
ilim - current limit adjustment resistance. See Current Sens-
ing and Current Limiting.
t
max - maximum allowed dynamic VID transition time.
t
peak - time for the CPU core voltage to reach its peak value
during an unloading transient.
V
in - input voltage to the switching regulators.
V
n - nominal output voltage.
V
old
- nominal CPU core voltage before dynamic VID
change.
V
new - nominal CPU core voltage after dynamic VID change.
V
rip - peak-to-peak output ripple voltage.
General
Designing a power supply involves many tradeoffs. A good
design is usually a design that makes good tradeoffs. To-
day’s synchronous buck regulators typically run at a 200kHz
to 300kHz switching frequency. Beyond this range, switching
loss becomes excessive, and below this range, inductor size
becomes unnecessarily large. The LM2633 has a fixed op-
erating frequency of 250kHz when VIN voltage is below
about 17V, and has decreased frequency when VIN voltage
exceeds 17V. See
Active Frequency Control section.
In a mobile CPU application, both the CPU core and the GTL
bus exhibit large and fast load current swings. The load
current slew rate during such a transient is usually well
beyond the response speed of the regulator. To meet the
regulation specification, special considerations should be
given to the component selection. For example, the total
combined ESR of the output capacitors must be lower than a
certain value. Also because of the tight regulation specifica-
tion, only a small budget can be assigned to ripple voltage,
typically less than 20mV. It is found that starting from a given
output voltage ripple will often result in fewer design itera-
tions.
The design procedures that follow are generally appropriate
for both the CPU core and the GTL bus power supplies,
although emphasis is placed on the former. When there is a
difference between the two, it will be pointed out.
Output Capacitor Selection
Type of output capacitors
Different type of capacitors often have different combinations
of capacitance and ESR. High-capacitance multi-layer ce-
ramic capacitors (MLCs) have very low ESR, typically 12m
Ω,
but also relatively low capacitance - up to 100µF. Tantalum
capacitors can have fairly low ESR, such as 18m
Ω, and
pretty high capacitance - up to 1mF. Aluminum capacitors
can have very high capacitance and fairly low ESR. OSCON
capacitors can achieve ESR values that are even lower than
those of MLCs’ while having a higher capacitance.
Tutorial on load transient response
Skip to the next subsection when a quick design is desired.
The control loop of the LM2633 can be made fast enough so
that when a worst-case load transient happens, duty cycle
will saturate (meaning it jumps to either 0% or D
max). If the
control loop is fast enough, the worst situation for a load
transient will be that the transient happens when the follow-
ing three are also happening. One, present PWM pulse has
just finished. Two, input voltage is the highest. Three, the
load current goes from maximum down to minimum (referred
to as an unloading transient).
Figure 2 shows how inductor
current changes during a worst-case load transient. The
reasons are as follows. In a mobile CPU application, the
input/output voltage differential, which is applied across the
inductor during a loading transient, is higher than the output
voltage, which is applied across the inductor during an un-
loading transient.
That means the inductor current changes slower during an
unloading transient than during a loading transient. The
slower the inductor current changes during a load transient,
the higher output capacitance is needed. That is why an
unloading transient is the worst case. If the load transient
happens when the present PWM pulse has just finished, the
inductor current will be the highest, which means highest
initial charging current for the output capacitors. Finally, the
higher the input voltage, the higher the inductor ripple cur-
rent and the higher the initial charging current for the output
capacitors.
20000806
FIGURE 2. Worst-case Load Transient
www.national.com
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com