Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2633 Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2633
Description  Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2633 Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button LM2633 Datasheet HTML 32Page - National Semiconductor (TI) LM2633 Datasheet HTML 33Page - National Semiconductor (TI) LM2633 Datasheet HTML 34Page - National Semiconductor (TI) LM2633 Datasheet HTML 35Page - National Semiconductor (TI) LM2633 Datasheet HTML 36Page - National Semiconductor (TI) LM2633 Datasheet HTML 37Page - National Semiconductor (TI) LM2633 Datasheet HTML 38Page - National Semiconductor (TI) LM2633 Datasheet HTML 39Page - National Semiconductor (TI) LM2633 Datasheet HTML 40Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
Control Loop Design (Continued)
amplifier, and I
fb2 is the current drawn by the FB2 pin. The
V
fb2 and Ifb2 have a typical value of 1.24V and 18 nA
respectively.
Example: V
out2 = 1.5V, R1 =10 kΩ.
(51)
To calculate the total system tolerance, use the following
equation:
(52)
where
φ is the tolerance of the Channel 2 reference voltage,
and
σ is the tolerance of the resistors.
Example: V
out2
= 3.3V, feedback resistors have a ±1%
tolerance.
(53)
That means the 3.3V output voltage will have a ±2.96%
tolerance over the (LM2633 die) temperature range of 0˚C to
125˚C.
Channel 2 output voltage should not go above 6V in
pulse-skip mode. That is because the SENSE2 pin cannot
take a voltage higher than 6V. However, if force-PWM op-
eration is the chosen operating mode, then the SENSE2 pin
can be grounded and there will be no limitation to Channel 2
output voltage.
If the desired Channel 1 voltage is higher than 2V, an
op-amp and a voltage divider can be used to expand the
voltage range, as shown in
Figure 18.
It is recommended that the VIDx pins be all tied to ground so
that the DAC is set at 2.00V. That will reduce the total
tolerance. The equations used to calculate Channel 2’s feed-
back resistors and total tolerance still hold, except that the
reference voltage V
fb1 is 2.00V instead of 1.24V. Channel 1
can operate only in force-PWM mode when it is configured
as
Figure 18.
Since an op-amp is an active device, pay close attention to
its start up and shut down behavior. Make sure that it does
not create a problem during those times.
Designing a Power Supply without a Load Transient
Specification
Many times the load transient response of a buck regulator is
not a critical issue. In that case, the selection of the power
stage components can start from the inductor ripple current.
Choosing the peak-to-peak ripple current to be 30% of the
maximum load current is often a good starting point. Then
the inductance value can be determined by ripple, switching
frequency and input and output voltages. By rearranging
Equation (13), the inductance value can be calculated as
follows:
(54)
Example: V
in_max = 21V, Vn = 1.6V, Iload_max = 10A.
The output capacitors can be chosen based on the output
voltage ripple requirement. If there is no specific require-
ment, then a ±1% ripple level may be a good starting point.
The equation for determining the impedance of the output
capacitors is:
(55)
If the ESR zero frequency of the capacitor is lower than the
switching frequency, such as the case of aluminum, tantalum
and OSCON capacitors, then the output capacitors are cho-
sen by the ESR value. Otherwise, such as in the case of
ceramic capacitors, the output capacitors are chosen by the
capacitance. The equation is:
(56)
Basically make sure that the product of the impedance of the
capacitors and the ripple current does not exceed the ripple
voltage requirement.
Example: V
n = 1.6V, Irip = 3A.
(57)
If ceramic capacitors are preferred, then the minimum ca-
pacitance is:
(58)
200008B6
FIGURE 18. How to Make V
OUT1 Higher Than 2V
www.national.com
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com