Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2633 Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2633
Description  Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2633 Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button LM2633 Datasheet HTML 30Page - National Semiconductor (TI) LM2633 Datasheet HTML 31Page - National Semiconductor (TI) LM2633 Datasheet HTML 32Page - National Semiconductor (TI) LM2633 Datasheet HTML 33Page - National Semiconductor (TI) LM2633 Datasheet HTML 34Page - National Semiconductor (TI) LM2633 Datasheet HTML 35Page - National Semiconductor (TI) LM2633 Datasheet HTML 36Page - National Semiconductor (TI) LM2633 Datasheet HTML 37Page - National Semiconductor (TI) LM2633 Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
Control Loop Design (Continued)
(45)
(46)
Back to the previous example. Let B = K, f
z1 =fp,fp2 =fz,fz2
=f
n, then:
f
c_o = 5.1 x 310Hz = 1581Hz
The corresponding Bode plots of the compensation network
and the loop transfer function are shown in
Figure 12 and
Figure 13 respectively.
It can be seen from
Figure 13 that the crossover frequency is
20kHz, and the phase margin is about 84 degrees.
One thing that should be pointed out is this Bode plot is only
for the 0.4
Ω load. That is, when load current is 4A. If load
current is lower than 4A, the portion of the gain plot from the
corresponding f
p to 310Hz will be −40dB/dec. If load current
is higher than 4A, then the portion of the gain plot from
310Hz to fp will be flat. However, this usually does not have
much effect on the cross-over frequency and phase margin
because it happens at low frequencies.
If a shorter recovery time is desired during a load transient,
f
z1 can be increased so that the gain of the loop transfer
function becomes higher. However, try not to let f
z1 be higher
than the desired cross-over frequency, otherwise phase mar-
gin can be too low.
Figure 14 shows a situation where f
z1 is
placed at a higher frequency than the f
p, which results in a
−40 dB/dec section before the cross-over frequency. Notice
the phase margin is lower.
Sometimes the slow transient response is caused by the
current source and sink capability of the error amplifier.
Reducing the value of the compensation capacitor helps, but
make sure the small-signal loop is stable.
The power stage component selection can be significantly
different from the example values.
Figure 15 shows how the
two high frequency poles of a current-mode-control buck
regulator change with the Q value.
20000876
FIGURE 12. Example Compensation Transfer Function
20000877
FIGURE 13. Example Loop Transfer Function
200008D6
FIGURE 14. Higher Low Frequency Gain
www.national.com
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com