Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2633 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2633
Description  Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2633 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM2633 Datasheet HTML 7Page - National Semiconductor (TI) LM2633 Datasheet HTML 8Page - National Semiconductor (TI) LM2633 Datasheet HTML 9Page - National Semiconductor (TI) LM2633 Datasheet HTML 10Page - National Semiconductor (TI) LM2633 Datasheet HTML 11Page - National Semiconductor (TI) LM2633 Datasheet HTML 12Page - National Semiconductor (TI) LM2633 Datasheet HTML 13Page - National Semiconductor (TI) LM2633 Datasheet HTML 14Page - National Semiconductor (TI) LM2633 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Electrical Characteristics (Continued)
V
CC = +15V unless otherwise indicated under the Conditions column. Typicals and limits appearing in plain type apply for TA
=T
J = +25˚C. Limits appearing in boldface type apply over 0˚C to +125˚C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Logic Inputs and Outputs
V
ih
Minimum High Level
Input Voltage (FPWM,
VID0-VID4)
2.0
V
V
il
Maximum Low Level
Input Voltage (FPWM,
ON/SS1, ON/SS2,
VID0-VID4)
0.8
V
I
oh_pg
PGOOD Output High
Current
PGOOD = 5.7V (Note 23)
5µA
V
ol_pg
PGOOD Output Low
Voltage
PGOOD Sinking 20 µA
0.3
V
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com