Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2633 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2633
Description  Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2633 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2633 Datasheet HTML 1Page - National Semiconductor (TI) LM2633 Datasheet HTML 2Page - National Semiconductor (TI) LM2633 Datasheet HTML 3Page - National Semiconductor (TI) LM2633 Datasheet HTML 4Page - National Semiconductor (TI) LM2633 Datasheet HTML 5Page - National Semiconductor (TI) LM2633 Datasheet HTML 6Page - National Semiconductor (TI) LM2633 Datasheet HTML 7Page - National Semiconductor (TI) LM2633 Datasheet HTML 8Page - National Semiconductor (TI) LM2633 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
LM2633
Advanced Two-Phase Synchronous Triple Regulator
Controller for Notebook CPUs
General Description
The LM2633 is a feature-rich IC that combines three regu-
lator controllers - two current mode synchronous buck regu-
lator controllers and a linear regulator controller.
The two switching regulator controllers operate 180˚ out of
phase. This feature reduces the input ripple RMS current,
resulting in a smaller input filter.
The first switching controller (Channel 1) features an Intel
mobile CPU compatible precision 5-bit digital-to-analog con-
verter which programs the output voltage from 0.925V to
2.00V. It is also compatible with the dynamic VID require-
ments. The second switching controller (Channel 2) is ad-
justable between 1.25V to 6.0V.
Use of synchronous rectification and pulse-skip operation at
light load achieves high efficiency over a wide load range.
Fixed-frequency operation can be obtained by disabling the
pulse-skip mode.
Current-mode feedback control assures excellent line and
load regulation and a wide loop bandwidth for good re-
sponse to fast load transient events. Current mode control is
achieved through sensing the Vds of the top FET and thus
an external sense resistor is not necessary.
A power good signal is available to indicate the general
health of the output voltages.
A unique feature is the analog soft-start for the switching
controllers is independent of the slew rate of the input volt-
age. This will make the soft start behavior more predictable
and controllable. An internal 5V rail is available externally for
boot-strap circuitry (only) when no 5V is available from other
sources.
Current limit for either of the two switching channels is
achieved through sensing the top FET V
DS and the value is
adjustable. The two switching controllers have under-voltage
and over-voltage latch protections, and the linear regulator
has under-voltage latch protection. Under-voltage latch can
be disabled or delayed by a programmable amount of time.
The input voltage for the switching channels ranges from 5V
to 30V, which makes possible the choice of different battery
chemistries and options.
Features
GENERAL
n
Three regulated output voltages
n
4.5V to 30V input range
n
Power good function
n
Input under-voltage lockout
n
Thermal shutdown
n
Tiny TSSOP package
SWITCHING SECTION
n
Two channels operating 180˚ out of phase
n
Separate on/off control for each channel
n
Current mode control without sense resistor
n
Skip-mode operation available
n
Adjustable cycle-by-cycle current limit
n
Negative current limit
n
Analog soft start independent of input voltage slew rate
n
Power ground pins separate
n
Output UVP and OVP
n
Programmable output UVP delay
n
250kHz switching frequency (for Vin < 17V)
n
Channel 1 output from 0.925V to 2.00V
n ±
1.5% DAC accuracy from 0˚C to 125˚C
n ±
1.7% initial tolerance for Channel 2
n
Dynamic VID change ready
n
Power good flags VID changes
n
Channel 2 output from 1.3V to 6.0V
LINEAR SECTION
n
Output voltage adjustable
n
50mA maximum driving current
n
Output UVP
n ±
2% initial tolerance
Applications
n
Power supply for CPUs of notebook PCs that require
the SpeedStep™ technique
n
Power supply for information appliances
n
General low voltage DC/DC buck regulators
SpeedStep™ is a trademark of Intel Corporation.
August 2001
© 2001 National Semiconductor Corporation
DS200008
www.national.com


Similar Part No. - LM2633

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2633 TI1-LM2633 Datasheet
1Mb / 47P
Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
LM2633 TI-LM2633_15 Datasheet
1Mb / 51P
LM2633 Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
More results

Similar Description - LM2633

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5231 FAIRCHILD-FAN5231 Datasheet
360Kb / 17P
Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
logo
Maxim Integrated Produc...
MAX1717 MAXIM-MAX1717 Datasheet
501Kb / 32P
Dynamically Adjustable, Synchronous Step-Down Controller for Notebook CPUs
19-1636; Rev 0; 1/00
logo
Intersil Corporation
IPM6210A INTERSIL-IPM6210A Datasheet
658Kb / 15P
Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
August 2001
ISL6264 INTERSIL-ISL6264 Datasheet
433Kb / 24P
Two-Phase Core Controller for AMD Mobile Turion CPUs
October 16, 2006
logo
Texas Instruments
LM2633 TI1-LM2633 Datasheet
1Mb / 47P
Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
logo
Intersil Corporation
ISL6262CRZ INTERSIL-ISL6262CRZ Datasheet
559Kb / 27P
Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
logo
Texas Instruments
LM2633 TI-LM2633_15 Datasheet
1Mb / 51P
LM2633 Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
logo
Renesas Technology Corp
ISL6262 RENESAS-ISL6262 Datasheet
1Mb / 27P
Two-Phase Core Regulator for IMVP-6 Mobile CPUs
ISL6264 RENESAS-ISL6264 Datasheet
1Mb / 23P
Two-Phase Core Controller for AMD Mobile Turion CPUs
IPM6210A RENESAS-IPM6210A Datasheet
860Kb / 15P
Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
Aug 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com