Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2633 Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2633
Description  Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2633 Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button LM2633 Datasheet HTML 23Page - National Semiconductor (TI) LM2633 Datasheet HTML 24Page - National Semiconductor (TI) LM2633 Datasheet HTML 25Page - National Semiconductor (TI) LM2633 Datasheet HTML 26Page - National Semiconductor (TI) LM2633 Datasheet HTML 27Page - National Semiconductor (TI) LM2633 Datasheet HTML 28Page - National Semiconductor (TI) LM2633 Datasheet HTML 29Page - National Semiconductor (TI) LM2633 Datasheet HTML 30Page - National Semiconductor (TI) LM2633 Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
Output Capacitor Selection
(Continued)
Maximum ESR calculation
No matter how much capacitance there is, if the total com-
bined ESR is not less than a certain value, the load transient
requirement will not be met.
The maximum allowed total combined ESR is:
(7)
Example:
∆V
c_s = 72mV, ∆Ic_s = 10A. Then Re_s = 7.2mΩ.
Maximum ESR criterion can be used when the capacitance
is high enough, otherwise more capacitors than the number
determined by this criterion should be used.
Minimum capacitance calculation
In a CPU core or a GTL bus power supply, the minimum
output capacitance is typically dictated by the load transient
requirement. If there is not enough capacitance, the output
voltage excursion will exceed the maximum allowed value
even if the maximum ESR requirement is met. The
worst-case load transient is an unloading transient that hap-
pens when the input voltage is the highest and when the top
FET has just been turned off. The corresponding minimum
capacitance is calculated as follows:
(8)
Notice it is already assumed the total ESR is no greater than
R
e_s, otherwise the term under the square root will be a
negative value.
Example: R
e =6mΩ,Vn = 1.35V, ∆Vc_s = 72mV, ∆Ic_s =
10A, L = 2µH
Generally speaking, C
min decreases with decreasing Re,
∆I
c_s, and L, but with increasing Vn and ∆Vc_s.
Maximum capacitance calculation
This subsection applies to Channel 1 / CPU core power
supply only.
If there is a need to change the CPU core voltage dynami-
cally (see Dynamic VID Change), there will be a maximum
output capacitance restriction. If the output capacitance is
too large, it will take too much time for the CPU core voltage
to ramp to the new value, violating the maximum transition
time specification. The worst-case dynamic VID change is
one that takes the largest step down at no load. The maxi-
mum capacitance as determined by the way LM2633 imple-
ments the VID change can be calculated as follows:
(9)
Example: t
max = 100µs, Inlim = 20A, Vold = 1.6V, Vnew =
1.35V, I
load =0.
Generally speaking, C
max decreases with decreasing tmax,
I
nlim and Iload, but with increasing voltage step.
Power loss in output capacitors
In a typical buck regulator, the ripple current in the inductor
(and thus the output capacitors) is so small that it causes
very little power loss. The equation for calculating that loss
is:
(10)
Example: I
rip = 4.3A, Re =7 mΩ.
(11)
Output Inductor Selection
The size of the output inductor can be determined from the
assigned output ripple voltage budget and the impedance of
the output capacitors at switching frequency. The equation to
determine the minimum inductance value is as follows:
(12)
where min(V
in_max, 17V) means the smaller of Vin_max and
17V. The reason this term is not simply V
in_max is that the
switching frequency droops with increasing V
in when Vin is
higher than 17V. See Active Frequency Control.
In the above equation, R
e is used in place of the impedance
of the output capacitors. This is because in most cases, the
impedance of the output capacitors at the switching fre-
quency is very close to R
e. In the case of ceramic capacitors,
replace R
e with the true impedance.
Example 1: V
in_max = 21V, Vn = 1.6V, Vrip = 26mV, Re =
6m
Ω, f = 250kHz.
Example 2: V
in_max = 18V, Vn = 1.35V, Vrip = 20mV, Re =
6m
Ω, f = 250kHz.
The actual selection process usually involves several itera-
tions of all of the above steps, from ripple voltage selection,
to capacitor selection, to inductance calculations. Both the
highest and the lowest CPU core voltages and their load
transient requirements should be considered. If an induc-
tance value larger than L
min is selected, make sure the Cmin
requirement is not violated. Priority should be given to pa-
rameters that are not flexible or more costly. For example, if
there are very few types of capacitors to choose from, it may
www.national.com
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com