Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-24C01A Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S-24C01A
Description  CMOS 2-WIRE SERIAL EEPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24C01A Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S-24C01A Datasheet HTML 15Page - Seiko Instruments Inc S-24C01A Datasheet HTML 16Page - Seiko Instruments Inc S-24C01A Datasheet HTML 17Page - Seiko Instruments Inc S-24C01A Datasheet HTML 18Page - Seiko Instruments Inc S-24C01A Datasheet HTML 19Page - Seiko Instruments Inc S-24C01A Datasheet HTML 20Page - Seiko Instruments Inc S-24C01A Datasheet HTML 21Page - Seiko Instruments Inc S-24C01A Datasheet HTML 22Page - Seiko Instruments Inc S-24C01A Datasheet HTML 23Page - Seiko Instruments Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
l Reel Specifications
l Tape Specifications
l Dimensions
n 8-Pin SOP
Unit : mm
ø2.0±0.05
ø1.55±0.05
4.0±0.1(10-pitches : total 40.0±0.2)
0.3±0.05
2.1±0.1
8.0±0.1
5°max.
6.7±0.1
2.0±0.05
No. FJ008-D-R-SD-1 0
No. : FJ008-D-C-SD-1.0
0.4±0.05
1.27
1
4
8
5
No. : FJ008-A-P-SD-2.0
5.02±0.2
0.20±0.05
5
8
1
4
TB
Feed direction
2±0.5
13.5±0.5
60°
2±0.5
ø13±0.2
ø21±0.8
Winding core
2000 pcs./reel
FJ008-D Rev.1.0 011129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com