Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-24C01A Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S-24C01A
Description  CMOS 2-WIRE SERIAL EEPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24C01A Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S-24C01A Datasheet HTML 9Page - Seiko Instruments Inc S-24C01A Datasheet HTML 10Page - Seiko Instruments Inc S-24C01A Datasheet HTML 11Page - Seiko Instruments Inc S-24C01A Datasheet HTML 12Page - Seiko Instruments Inc S-24C01A Datasheet HTML 13Page - Seiko Instruments Inc S-24C01A Datasheet HTML 14Page - Seiko Instruments Inc S-24C01A Datasheet HTML 15Page - Seiko Instruments Inc S-24C01A Datasheet HTML 16Page - Seiko Instruments Inc S-24C01A Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
CMOS 2-WIRE SERIAL EEPROM
Rev. 2.2_30
S-24C01A/02A/04A
Seiko Instruments Inc.
13
7.3 Sequential Read
When the EEPROM receives a 7-bit length device address and a 1-bit read/write instruction code "1" in
both current and random read operations, following the start condition signal, it outputs the
acknowledgment signal
When 8-bit length data is output from the EEPROM, in synchronization with the SCL clock, the memory
address counter inside the EEPROM is automatically incremented at the falling edge of the SCL clock, by
which the 8th data is output.
When the master device transmits the acknowledgment signal, the next memory address data is output.
When the master device transmits the acknowledgment signal, the memory address counter inside the
EEPROM is incremented and read data in succession. This is called "Sequential Read."
When the master device does not output an acknowledgement signal and transmits the stop condition
signal, the read operation is finished.
Data can be read in the "Sequential Read" mode in succession. When the memory address counter
reaches the last word address, it rolls over to the first memory address.
Figure 14 Sequential Read
R
E
A
D
S
T
O
P
DEVICE
ADDRES
R
/
W
ADR INC
D7
D0
A
C
K
A
C
K
A
C
K
1
D7
D0
ADR INC
A
C
K
ADR INC
SDA LINE
DATA (n)
D7
D0
D7
D0
DATA (n+1)
DATA (n+2)
DATA (n+x)
NO ACK from
Master Device
ADR INC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com