Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-24C01A Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-24C01A
Description  CMOS 2-WIRE SERIAL EEPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24C01A Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-24C01A Datasheet HTML 1Page - Seiko Instruments Inc S-24C01A Datasheet HTML 2Page - Seiko Instruments Inc S-24C01A Datasheet HTML 3Page - Seiko Instruments Inc S-24C01A Datasheet HTML 4Page - Seiko Instruments Inc S-24C01A Datasheet HTML 5Page - Seiko Instruments Inc S-24C01A Datasheet HTML 6Page - Seiko Instruments Inc S-24C01A Datasheet HTML 7Page - Seiko Instruments Inc S-24C01A Datasheet HTML 8Page - Seiko Instruments Inc S-24C01A Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
CMOS 2-WIRED SERIAL EEPROM
S-24C01A/02A/04A
Rev. 2.2_30
4
Seiko Instruments Inc.
DC Electrical Characteristics
Table 6
VCC=4.5 V to 5.5 VVCC=2.5 to 4.5 VVCC=1.8 to 2.5 V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Current consumption
(READ)
ICC1
f=100 kHz
——
0.4
——
0.3
——
0.2
mA
Current consumption
(PROGRAM)
ICC2
f=100 kHz
——
2.0
——
1.5
———
mA
Table 7
VCC=4.5 V to 5.5 V
VCC=2.5 to 4.5 V
VCC=1.8 to 2.5 V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Standby current
consumption
ISB
VIN=VCC or GND
——
1.0
——
0.6
——
0.4
µA
Input leakage
current
ILI
VIN=GND to VCC
—
0.1
1.0
—
0.1
1.0
—
0.1
1.0
µA
Output leakage
current
ILO
VOUT=GND to VCC
—
0.1
1.0
—
0.1
1.0
—
0.1
1.0
µA
IOL=3.2 mA
——
0.4
——
0.4
——
—
V
IOL=1.5 mA
——
0.3
——
0.3
——
0.5
V
Low level output
voltage
VOL
IOL=100
µA
——
0.1
——
0.1
——
0.1
V
Current address
retention voltage
VAH
—
1.5
—
5.5
1.5
—
4.5
1.5
—
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com