Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-24C01A Datasheet(PDF) 19 Page - Seiko Instruments Inc

Part # S-24C01A
Description  CMOS 2-WIRE SERIAL EEPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24C01A Datasheet(HTML) 19 Page - Seiko Instruments Inc

Back Button S-24C01A Datasheet HTML 15Page - Seiko Instruments Inc S-24C01A Datasheet HTML 16Page - Seiko Instruments Inc S-24C01A Datasheet HTML 17Page - Seiko Instruments Inc S-24C01A Datasheet HTML 18Page - Seiko Instruments Inc S-24C01A Datasheet HTML 19Page - Seiko Instruments Inc S-24C01A Datasheet HTML 20Page - Seiko Instruments Inc S-24C01A Datasheet HTML 21Page - Seiko Instruments Inc S-24C01A Datasheet HTML 22Page - Seiko Instruments Inc S-24C01A Datasheet HTML 23Page - Seiko Instruments Inc  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
CMOS 2-WIRE SERIAL EEPROM
Rev. 2.2_30
S-24C01A/02A/04A
Seiko Instruments Inc.
19
2. AC Characteristics
2.1
Maximum operating frequency fmax
−
Power supply voltage VCC
2.2 Write time tWR
−
Power supply voltage VCC
2.3 Write time tWR
−
Ambient temperature Ta
2.4 Write time tWR
−
Ambient temperature Ta
2.5 SDA output delay time tPD
−
Ambient temperature Ta
2.6 SDA output delay time tPD
−
Ambient temperature Ta
2.7 Data output delay time tPD
−
Ambient temperature Ta
10K
23 4
5
Ta=25°C
VCC (V)
fmax
(Hz)
1
4
2
23 45 6
7
Ta=25°C
VCC (V)
tWR
(ms)
1
100K
1M
1
3
Ta (
°C)
1.5
1.0
VCC=4.5 V
-40
0
85
0.5
tWR
(ms)
Ta (°C)
4
3
VCC=2.5 V
-40
0
85
2
tWR
(ms)
Ta (°C)
1.5
1.0
VCC=4.5 V
-40
0
85
0.5
tPD
(
µs)
Ta (°C)
1.5
1.0
VCC=2.7 V
-40
0
85
0.5
tPD
(
µs)
Ta (°C)
3.0
2.0
VCC=1.8 V
-40
0
85
1.0
tPD
(
µs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com