Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-24C01A Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-24C01A
Description  CMOS 2-WIRE SERIAL EEPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24C01A Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-24C01A Datasheet HTML 1Page - Seiko Instruments Inc S-24C01A Datasheet HTML 2Page - Seiko Instruments Inc S-24C01A Datasheet HTML 3Page - Seiko Instruments Inc S-24C01A Datasheet HTML 4Page - Seiko Instruments Inc S-24C01A Datasheet HTML 5Page - Seiko Instruments Inc S-24C01A Datasheet HTML 6Page - Seiko Instruments Inc S-24C01A Datasheet HTML 7Page - Seiko Instruments Inc S-24C01A Datasheet HTML 8Page - Seiko Instruments Inc S-24C01A Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
CMOS 2-WIRE SERIAL EEPROM
Rev. 2.2_30
S-24C01A/02A/04A
Seiko Instruments Inc.
3
Recommended Operating Conditions
Table 3
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Read Operation
1.8
—
5.5
V
Power supply voltage
VCC
Write Operation
2.5
—
5.5
V
VCC=2.5 to 5.5V
0.7
×VCC
—VCC
V
High level input voltage
VIH
VCC=1.8 to 2.5V
0.8
×VCC
—VCC
V
VCC=2.5 to 5.5V
0.0
—
0.3
×VCC
V
Low level input voltage
VIL
VCC=1.8 to 2.5V
0.0
—
0.2
×VCC
V
Operating temperature
Topr
—
-40
—
+85
°C
Pin Capacitance
Table 4
(Ta=25°C, f=1.0 MHz, VCC=5 V)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Input capacitance
CIN
VIN=0 V (SCL, A0, A1, A2, WP)
—
—
10
pF
Input/output capacitance
CI / O
VI / O=0 V (SDA)
—
—
10
pF
Endurance
Table 5
Parameter
Symbol
Min.
Typ.
Max.
Unit
Endurance
NW
106
—
—
cycles/word



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com