Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-24C01A Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-24C01A
Description  CMOS 2-WIRE SERIAL EEPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24C01A Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-24C01A Datasheet HTML 2Page - Seiko Instruments Inc S-24C01A Datasheet HTML 3Page - Seiko Instruments Inc S-24C01A Datasheet HTML 4Page - Seiko Instruments Inc S-24C01A Datasheet HTML 5Page - Seiko Instruments Inc S-24C01A Datasheet HTML 6Page - Seiko Instruments Inc S-24C01A Datasheet HTML 7Page - Seiko Instruments Inc S-24C01A Datasheet HTML 8Page - Seiko Instruments Inc S-24C01A Datasheet HTML 9Page - Seiko Instruments Inc S-24C01A Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
CMOS 2-WIRED SERIAL EEPROM
S-24C01A/02A/04A
Rev. 2.2_30
6
Seiko Instruments Inc.
Table 10
VCC=4.5 to 5.5V
VCC=2.5 to 4.5V
Item
Symbol
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Write time
tWR
—
0.8
1.0
—
4.0
5.0
ms
Pin Functions
1. Address Input Pins (A0, A1, and A2)
Connect pins A0, A1, and A2 to the GND or the V
CC, respectively, to assign slave addresses. There are 8
different ways to assign slave addresses in the S-24C01A and S-24C02A through a combination of pins
A0, A1, and A2, and 4 ways to assign them in the S-24C04A through a combination of pins A1 and A2.
When the input slave address coincides with the slave address transmitted from the master device, 1
device can be selected from among multiple devices connected to the bus. Always connect the address
input pin to GND or V
CC and leave it unchanged.
2. SDA (Serial Data Input/Output) Pin
The SDA pin is used for bilateral transmission of serial data. It consists of a signal input pin and an Nch
open-drain transistor output pin.
Usually pull up the SDA line via resistance to the V
CC, and use it with other open-drain or open-collector
output devices connected in a wired OR configuration.
3. SCL (Serial Clock Input) Pin
The SCL pin is used for serial clock input. It is capable of processing signals at the rising and falling edges
of the SCL clock input signal. Make sure the rising time and falling time conform to the specifications.
4. TEST/WP Pin
The S-24C01A does not have a write protection (WP) function. The pin serves as a TEST pin and shoud
always be connect to the GND.
In the S-24C02A and S-24C04A, this pin is used for write protection. When there is no need for write
protection, connect the pin to the GND; when there is a need for write protection, connect the pin to the
Vcc.
Figure 5 Write Cycle
SCL
SDA
D0
Write data
Acknowledge
Stop
condition
Start
condition
tWR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com