Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2000-CP Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS2000-CP
Description  Fractional-N Clock Synthesizer & Clock Multiplier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2000-CP Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS2000-CP_15 Datasheet HTML 3Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 4Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 5Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 6Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 7Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 8Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 9Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 10Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
CS2000-CP
DS761F3
7
3. CHARACTERISTICS AND SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS
GND = 0 V; all voltages with respect to ground. (Note 1)
Notes: 1. Device functionality is not guaranteed or implied outside of these limits. Operation outside of these limits
may adversely affect device reliability.
ABSOLUTE MAXIMUM RATINGS
GND = 0 V; all voltages with respect to ground.
CAUTION: Stresses beyond “Absolute Maximum Ratings” levels may cause permanent damage to the device.
These levels are stress ratings only, and functional operation of the device at these or any other condi-
tions beyond those indicated in Section 3. on page 7 is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Notes: 2. The maximum over/under voltage is limited by the input current except on the power supply pin.
DC ELECTRICAL CHARACTERISTICS
Test Conditions (unless otherwise specified): VD = 3.1 V to 3.5 V; TA = -10°C to +70°C (Commercial Grade);
TA = -40°C to +85°C (Automotive-D Grade); TA = -40°C to +105°C (Automotive-E Grade)
Notes: 3. To calculate the additional current consumption due to loading (per output pin), multiply clock output
frequency by load capacitance and power supply voltage. For example, fCLK_OUT (49.152 MHz) * CL
(15 pF) * VD (3.3 V) = 2.4 mA of additional current due to these loading conditions on CLK_OUT.
Parameters
Symbol
Min
Typ
Max
Units
DC Power Supply
VD
3.1
3.3
3.5
V
Ambient Operating Temperature (Power Applied)
Commercial Grade
Automotive-D Grade
Automotive-E Grade
TAC
TAD
TAE
-10
-40
-40
-
-
-
+70
+85
+105
°C
°C
°C
Parameters
Symbol
Min
Max
Units
DC Power Supply
VD
-0.3
6.0
V
Input Current
IIN
-±10
mA
Digital Input Voltage (Note 2)VIN
-0.3
VD + 0.4
V
Ambient Operating Temperature (Power Applied)
TA
-55
125
°C
Storage Temperature
Tstg
-65
150
°C
Parameters
Symbol
Min
Typ
Max
Units
Power Supply Current - Unloaded
(Note 3)ID
-12
18
mA
Power Dissipation - Unloaded
(Note 3)PD
-40
60
mW
Input Leakage Current
IIN
--
±10
µA
Input Capacitance
IC
-8-
pF
High-Level Input Voltage
VIH
70%
-
-
VD
Low-Level Input Voltage
VIL
--
30%
VD
High-Level Output Voltage (IOH = -1.2 mA)
VOH
80%
-
-
VD
Low-Level Output Voltage (IOH = 1.2 mA)
VOL
--
20%
VD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com