Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2000-CP Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS2000-CP
Description  Fractional-N Clock Synthesizer & Clock Multiplier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2000-CP Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS2000-CP_15 Datasheet HTML 24Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 25Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 26Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 27Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 28Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 29Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 30Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 31Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
CS2000-CP
28
DS761F3
8. REGISTER DESCRIPTIONS
In I²C Mode all registers are read/write unless otherwise stated. In SPI mode all registers are write only. All “Re-
served” registers must maintain their default state to ensure proper functional operation. The default state of each
bit after a power-up sequence or reset is indicated by the shaded row in the bit decode table and in the “Register
Quick Reference” on page 27.
Control port mode is entered when the device recognizes a valid chip address input on its I²C/SPI serial control pins
and the EnDevCfg1 and EnDevCfg2 bits are set to 1.
8.1
Device I.D. and Revision (Address 01h)
8.1.1
Device Identification (Device[4:0]) - Read Only
I.D. code for the CS2000.
8.1.2
Device Revision (Revision[2:0]) - Read Only
CS2000 revision level.
8.2
Device Control (Address 02h)
8.2.1
Unlock Indicator (Unlock) - Read Only
Indicates the lock state of the PLL.
Note: Bit 7 is sticky until read.
8.2.2
Auxiliary Output Disable (AuxOutDis)
This bit controls the output driver for the AUX_OUT pin.
7
6
5
432
10
Device4
Device3
Device2
Device1
Device0
Revision2
Revision1
Revision0
Device[4:0]
Device
00000
CS2000.
REVID[2:0]
Revision Level
100
B2 and B3
110
C1
76543210
Unlock
Reserved
Reserved
Reserved
Reserved
Reserved
AuxOutDis
ClkOutDis
Unlock
PLL Lock State
0
PLL is Locked.
1
PLL is Unlocked.
AuxOutDis
Output Driver State
0
AUX_OUT output driver enabled.
1
AUX_OUT output driver set to high-impedance.
Application:
“Auxiliary Output” on page 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com