Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2000-CP Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS2000-CP
Description  Fractional-N Clock Synthesizer & Clock Multiplier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2000-CP Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS2000-CP_15 Datasheet HTML 25Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 26Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 27Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 28Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 29Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 30Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 31Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 32Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
CS2000-CP
DS761F3
29
8.2.3
PLL Clock Output Disable (ClkOutDis)
This bit controls the output driver for the CLK_OUT pin.
8.3
Device Configuration 1 (Address 03h)
8.3.1
R-Mod Selection (RModSel[2:0])
Selects the R-Mod value, which is used as a factor in determining the PLL’s Fractional N.
8.3.2
Ratio Selection (RSel[1:0])
Selects one of the four stored User Defined Ratios for use in the static ratio based Frequency Synthesizer
Mode.
8.3.3
Auxiliary Output Source Selection (AuxOutSrc[1:0])
Selects the source of the AUX_OUT signal.
Note:
When set to 11, AuxLckCfg sets the polarity and driver type. See “AUX PLL Lock Output Config-
uration (AuxLockCfg)” on page 32.
ClkOutDis
Output Driver State
0
CLK_OUT output driver enabled.
1
CLK_OUT output driver set to high-impedance.
Application:
“PLL Clock Output” on page 23
76543210
RModSel2
RModSel1
RModSel0
RSel1
RSel0
AuxOutSrc1
AuxOutSrc0
EnDevCfg1
RModSel[2:0]
R-Mod Selection
000
Left-shift R-value by 0 (x 1).
001
Left-shift R-value by 1 (x 2).
010
Left-shift R-value by 2 (x 4).
011
Left-shift R-value by 3 (x 8).
100
Right-shift R-value by 1 (÷ 2).
101
Right-shift R-value by 2 (÷ 4).
110
Right-shift R-value by 3 (÷ 8).
111
Right-shift R-value by 4 (÷ 16).
Application:
“Ratio Modifier (R-Mod)” on page 20
RSel[1:0]
Ratio Selection
00
Ratio 0.
01
Ratio 1.
10
Ratio 2.
11
Ratio 3.
Application:
“User Defined Ratio (RUD), Frequency Synthesizer Mode” on page 19
AuxOutSrc[1:0]
Auxiliary Output Source
00
RefClk.
01
CLK_IN.
10
CLK_OUT.
11
PLL Lock Status Indicator.
Application:
“Auxiliary Output” on page 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com