Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2000-CP Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS2000-CP
Description  Fractional-N Clock Synthesizer & Clock Multiplier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2000-CP Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS2000-CP_15 Datasheet HTML 21Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 22Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 23Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 24Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 25Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 26Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 27Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 28Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
CS2000-CP
DS761F3
25
6. SPI / I²C CONTROL PORT
The control port is used to access the registers and allows the device to be configured for the desired operational
modes and formats. The operation of the control port may be completely asynchronous with respect to device inputs
and outputs. However, to avoid potential interference problems, the control port pins should remain static if no op-
eration is required.
The control port operates with either the SPI or I²C interface, with the CS2000 acting as a slave device. SPI Mode
is selected if there is a high-to-low transition on the AD0/CS pin after power-up. I²C Mode is selected by connecting
the AD0/CS pin through a resistor to VD or GND, thereby permanently selecting the desired AD0 bit address state.
In both modes the EnDevCfg1 and EnDevCfg2 bits must be set to 1 for normal operation.
WARNING: All “Reserved” registers must maintain their default state to ensure proper functional operation.
6.1
SPI Control
In SPI Mode, CS is the chip select signal; CCLK is the control port bit clock (sourced from a microcontroller),
and CDIN is the input data line from the microcontroller. Data is clocked in on the rising edge of CCLK. The
device only supports write operations.
Figure 21 shows the operation of the control port in SPI Mode. To write to a register, bring CS low. The first
eight bits on CDIN form the chip address and must be 10011110. The next eight bits form the Memory Ad-
dress Pointer (MAP), which is set to the address of the register that is to be updated. The next eight bits are
the data which will be placed into the register designated by the MAP.
There is MAP auto increment capability, enabled by the INCR bit in the MAP register. If INCR is a zero, the
MAP will stay constant for successive read or writes. If INCR is set to a 1, the MAP will automatically incre-
ment after each byte is read or written, allowing block writes of successive registers.
6.2
I²C Control
In I²C Mode, SDA is a bidirectional data line. Data is clocked into and out of the device by the clock, SCL.
There is no CS pin. The AD0 pin forms the least-significant bit of the chip address and should be connected
to VD or GND as appropriate. The state of the AD0 pin should be maintained throughout operation of the
device.
The signal timings for a read and write cycle are shown in Figure 22 and Figure 23. A Start condition is de-
fined as a falling transition of SDA while the clock is high. A Stop condition is a rising transition while the
clock is high. All other transitions of SDA occur while the clock is low. The first byte sent to the CS2000 after
a Start condition consists of the 7-bit chip address field and a R/W bit (high for a read, low for a write). The
upper 6 bits of the 7-bit address field are fixed at 100111 followed by the logic state of the AD0 pin. The
Referenced Control
Register Location
EnDevCfg1 ............................“Enable Device Configuration Registers 1 (EnDevCfg1)” on page 30
EnDevCfg2 ............................“Enable Device Configuration Registers 2 (EnDevCfg2)” section on page 31
4
5
6
7
CCLK
CHIP ADDRESS
MAP BYTE
DATA
1
0
0
1 1
1
1
0
CDIN
INCR
6
5 4
3 2 1 0
7
6
1 0
0
1
2
3
8
9
12
16 17
10 11
13 14 15
DATA +n
CS
7
6
1 0
Figure 21. Control Port Timing in SPI Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com